Electronic Components Datasheet Search
  English  ▼

X  

ICS8524AYT Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS8524AYT
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8524AYT Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS8524AYT Datasheet HTML 9Page - Integrated Device Technology ICS8524AYT Datasheet HTML 10Page - Integrated Device Technology ICS8524AYT Datasheet HTML 11Page - Integrated Device Technology ICS8524AYT Datasheet HTML 12Page - Integrated Device Technology ICS8524AYT Datasheet HTML 13Page - Integrated Device Technology ICS8524AYT Datasheet HTML 14Page - Integrated Device Technology ICS8524AYT Datasheet HTML 15Page - Integrated Device Technology ICS8524AYT Datasheet HTML 16Page - Integrated Device Technology ICS8524AYT Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
8524AY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 1, 2007
14
ICS8524
LOW SKEW, 1-TO-22
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8524 is: 1474
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 64 LEAD TQFP, E-PAD
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
22.3°C/W
17.2°C/W
15.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com