Electronic Components Datasheet Search
  English  ▼

X  

TLE4205 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4205
Description  1-A DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4205 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4205 Datasheet HTML 1Page - Infineon Technologies AG TLE4205 Datasheet HTML 2Page - Infineon Technologies AG TLE4205 Datasheet HTML 3Page - Infineon Technologies AG TLE4205 Datasheet HTML 4Page - Infineon Technologies AG TLE4205 Datasheet HTML 5Page - Infineon Technologies AG TLE4205 Datasheet HTML 6Page - Infineon Technologies AG TLE4205 Datasheet HTML 7Page - Infineon Technologies AG TLE4205 Datasheet HTML 8Page - Infineon Technologies AG TLE4205 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLE 4205
Data Sheet
4
2004-02-25
Pin Definitions and Functions (TLE 4205 G)
Pin No.
Symbol
Function
1Q2
Output 2 of channel 2; push-pull B output with DC short-circuit
protection to ground. Integrated free-wheeling diodes to ground
and the supply voltage.
2
N.C.
Not connected
3
N.C.
Not connected
4-7
GND
Ground
8
– I2
Inverting input channel 2; to be wired according to general
rules.
9
+ I2
Non-inverting input channel 2; to be wired according to
general rules.
10
+ I1
Non-inverting input channel 1; see pin 9.
11
– I1
Inverting input channel 1; see pin 8.
12
INH
Inhibit; the IC is passive when this pin is open or connected to
ground.
13
N.C.
Not connected
14-17
GND
Ground
18
N.C.
Not connected
19
Q1
Output Q1 of channel 1, see pin 1.
20
V
S
Supply voltage
V
S; must be blocked with a ceramic capacitor
of at least 100 nF directly on the pins of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com