Electronic Components Datasheet Search
  English  ▼

X  

TLE4206G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4206G
Description  1-A DC Motor Driver for Servo Driver Applications TLE 4206G
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4206G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4206G Datasheet HTML 4Page - Infineon Technologies AG TLE4206G Datasheet HTML 5Page - Infineon Technologies AG TLE4206G Datasheet HTML 6Page - Infineon Technologies AG TLE4206G Datasheet HTML 7Page - Infineon Technologies AG TLE4206G Datasheet HTML 8Page - Infineon Technologies AG TLE4206G Datasheet HTML 9Page - Infineon Technologies AG TLE4206G Datasheet HTML 10Page - Infineon Technologies AG TLE4206G Datasheet HTML 11Page - Infineon Technologies AG TLE4206G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLE 4206G
Data Sheet
8
V1.1 2007-08-10
Input-Interface
Input REF
Quiescent voltage
V
REFq
–
200 –
mV
I
REF = 0 µA
Input resistance
R
REF
–
6
–
k
Ω 0 V < V
REF < 0.5 V
Input FB
Quiescent voltage
V
FBq
–
200 –
mV
I
FB = 0 µA
Input resistance
R
FB
–
6
–
k
Ω 0 V < V
FB < 0.5 V
Input/Output HYST
Current Amplification
A
HYST = IHYST / (IREF – IFB)
A
HYST
0.8
0.95 1.1
−
– 20
µA < I
HYST
< – 10
µA;
10
µA < I
HYST
< 20
µA;
I
REF = 250 µA
V
HYST = VS / 2
Current Offset
I
HYSTIO
– 2
0.35 3
µA
I
REF = IFB = 250 µA
V
HYST = VS / 2
Threshold voltage High
V
HYH / VS
–
52
–
%
–
Deadband voltage High
V
DBH / VS
–
50.4 –
%
–
Deadband voltage Low
V
DBL / VS
–
49.6 –
%
–
Threshold voltage Low
V
HYL / VS
–
48
–
%
–
Hysteresis Window
V
HYW / VS
3
4
5
%
(
V
HYH – VHYL)/ VS
Deadband Window
V
DBW / VS
0.4
0.8
1.2
%
(
V
DBH – VDBL)/ VS
Electrical Characteristics (cont’d)
8 V <
V
S < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C
(unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com