Electronic Components Datasheet Search
  English  ▼

X  

TLE4267G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4267G
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4267G Datasheet HTML 1Page - Infineon Technologies AG TLE4267G Datasheet HTML 2Page - Infineon Technologies AG TLE4267G Datasheet HTML 3Page - Infineon Technologies AG TLE4267G Datasheet HTML 4Page - Infineon Technologies AG TLE4267G Datasheet HTML 5Page - Infineon Technologies AG TLE4267G Datasheet HTML 6Page - Infineon Technologies AG TLE4267G Datasheet HTML 7Page - Infineon Technologies AG TLE4267G Datasheet HTML 8Page - Infineon Technologies AG TLE4267G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
5-V Low Drop Voltage Regulator
TLE 4267
Data Sheet
1
Rev. 2.5, 2007-03-20
Type
Package
Type
Package
TLE 4267
PG-TO220-7-11
TLE 4267 S
PG-TO220-7-12
TLE 4267 G
PG-TO263-7-1
TLE 4267 GM
PG-DSO-14-30
P-TO220-7-3
P-TO 220-7-180
(TO-220 AB/7, Option E3180)
P-TO220-7-230
P-DSO-14-3, -8, -9, -11, 14
Features
•
Output voltage tolerance
≤ ±2%
•
400 mA output current capability
•
Low-drop voltage
•
Very low standby current consumption
•
Input voltage up to 40 V
•
Overvoltage protection up to 60 V (
≤ 400 ms)
•
Reset function down to 1 V output voltage
•
ESD protection up to 2000 V
•
Adjustable reset time
•
On/off logic
•
Overtemperature protection
•
Reverse polarity protection
•
Short-circuit proof
•
Wide temperature range
•
Suitable for use in automotive electronics
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
TLE 4267 is a 5-V low drop voltage regulator for
automotive
applications
in
the
PG-TO220-7
or
PG-DSO-14-30 package. It supplies an output current of
> 400 mA. The IC is shortcircuit-proof and has an
overtemperature protection circuit.


Similar Part No. - TLE4267G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4267G SIEMENS-TLE4267G Datasheet
139Kb / 16P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267G INFINEON-TLE4267G Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4267GM INFINEON-TLE4267GM Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
More results

Similar Description - TLE4267G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com