Electronic Components Datasheet Search
  English  ▼

X  

TLE4309G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4309G
Description  Adjustable Linear Low Dropout LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4309G Datasheet HTML 3Page - Infineon Technologies AG TLE4309G Datasheet HTML 4Page - Infineon Technologies AG TLE4309G Datasheet HTML 5Page - Infineon Technologies AG TLE4309G Datasheet HTML 6Page - Infineon Technologies AG TLE4309G Datasheet HTML 7Page - Infineon Technologies AG TLE4309G Datasheet HTML 8Page - Infineon Technologies AG TLE4309G Datasheet HTML 9Page - Infineon Technologies AG TLE4309G Datasheet HTML 10Page - Infineon Technologies AG TLE4309G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Datasheet
7
Rev. 1.0, 2007-03-20
TLE4309
Typical Performance Characteristics
Output Current versus
Reference Resistor
Output Current versus
Supply Voltage
Reference Voltage versus
Junction Temperature
PWM/EN Pin Input Current versus
Voltage applied
AE D03503.VSD
R
REF
600
mA
I
Q
0
300
200
500
100
400
0.2
0.5
1.0
2.0
Ω
V
Q = 6.6 V
0.39 0.47
AED03504.VSD
0
V
I
5
10 1520 2530
V 40
600
mA
I
Q
0
300
200
500
100
400
V
Q = 6.6 V
R
REF = 0.47 Ω
AED03506.VSD
-40
T
j
0
40
80
°C 160
160
170
175
180
185
165
mV
V
REF
AED03505.VSD
0
V
PWM
5
10 1520 2530
V 40
0
0.5
1.0
mA
I
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com