Electronic Components Datasheet Search
  English  ▼

X  

TLE7368E Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7368E
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368E Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7368E Datasheet HTML 9Page - Infineon Technologies AG TLE7368E Datasheet HTML 10Page - Infineon Technologies AG TLE7368E Datasheet HTML 11Page - Infineon Technologies AG TLE7368E Datasheet HTML 12Page - Infineon Technologies AG TLE7368E Datasheet HTML 13Page - Infineon Technologies AG TLE7368E Datasheet HTML 14Page - Infineon Technologies AG TLE7368E Datasheet HTML 15Page - Infineon Technologies AG TLE7368E Datasheet HTML 16Page - Infineon Technologies AG TLE7368E Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Data Sheet
13
Rev. 1.1, 2007-11-08
TLE7368
General Product Characteristics
4.4
Electrical Characteristics
Electrical Characteristics
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Buck Regulator
4.4.1
Switching frequency
f
280
370
425
kHz
–
4.4.2
Current transition
rise/fall time
t
r, I
–50
–
ns
1); slope magnitude 1 A; fixed
internally
4.4.3
Power stage on
resistance
R
ON, Buck
––
280
m
Ω
–
4.4.4
Power stage peak
current limit
I
peak, SW
2.5
–
4.6
A
V
IN = 5.0 V;
V
SW ramped down from 5.0 V
to 3.7 V;
V
FB/L_IN = 5.0 V
4.4.5
Buck converter output
voltage
V
FB/L_IN
5.4
–
6.0
V
I
Buck = 2.0 A
2)
4.4.6
Buck converter output
voltage
V
FB/L_IN
5.4
–
6.4
V
I
Buck = 100 mA
2)
4.4.7
Buck converter, turn on
threshold
V
IN, on
––
4.5
V
V
IN increasing
4.4.8
Buck converter, turn off
threshold
V
IN, off
3.5
–
–
V
V
IN decreasing
4.4.9
Buck converter On/off
hysteresis
V
IN, hyst
450
500
550
mV
V
IN, hyst = VIN, on - VIN, off
4.4.10
Bootstrap undervoltage
lockout, turn on
threshold
V
BST_UV, on
––
V
SW +
5.0
V
Bootstrap voltage increasing
4.4.11
Bootstrap undervoltage
lockout, turn off
threshold
V
BST_UV, off
V
SW +
3.2
–
–
V
Bootstrap voltage decreasing
4.4.12
Bootstrap undervoltage
lockout, hysteresis
V
BST_UV, hyst
0.2
–
1
V
V
BST_UV, hyst =
V
BST_UV, on - VBST_UV, off
Charge Pump
4.4.13
Charge pump voltage
V
CCP
9–
15
V
C
C1 = 100 nF;
C
C2 = 100 nF;
C
CCP = 220 nF
4.4.14
Charge pump voltage
V
CCP
9–
13.5
V
V
IN = 4.5 V;
C
C1 = 100 nF;
C
C2 = 100 nF;
C
CCP = 220 nF
4.4.15
Charge pump switching
frequency
f
CCP
1.0
–
2.5
MHz –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com