Electronic Components Datasheet Search
  English  ▼

X  

TLE7810G Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7810G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7810G Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7810G Datasheet HTML 18Page - Infineon Technologies AG TLE7810G Datasheet HTML 19Page - Infineon Technologies AG TLE7810G Datasheet HTML 20Page - Infineon Technologies AG TLE7810G Datasheet HTML 21Page - Infineon Technologies AG TLE7810G Datasheet HTML 22Page - Infineon Technologies AG TLE7810G Datasheet HTML 23Page - Infineon Technologies AG TLE7810G Datasheet HTML 24Page - Infineon Technologies AG TLE7810G Datasheet HTML 25Page - Infineon Technologies AG TLE7810G Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
TLE7810G
SPI (Serial Peripheral Interface)
Data Sheet
22
Rev. 3.01, 2008-04-15
Table 5
General & Integrated Switch Configuration
Pos.
General Configuration1)
1) “1” = ON / enable, “0” = OFF / disable
Integrated Switch Configuration2)
2) “1” = ON, “0” = OFF
5
Reset Threshold: “default” or “SPI option”
(see Table 14: Reset Generator; Pin RESET)
Supply Output “on” / “off”
6
Reset Delay: “default” or “SPI option”
(see Table 14: Reset Generator; Pin RESET)
HS-LED “on” / “off”
7
LIN “Low Slope Mode” (10.4 kBaud)
HS-LED OV/UV disable
“0”: HS-LED will be turned off in case of Vbat OV/UV
“1”: HS-LED will not be turned off in case of Vbat
OV/UV
8
MON1 Input Activation
LS1 “on” / “off”
9
MON2 Input Activation
LS2 “on” / “off”
10
MON3 Input Activation
“reserved” / not used
11
MON4 Input Activation
“reserved” / not used
12
MON5 Input Activation
“reserved” / not used
13
ADC Measurement:
V
bat / Vtemp
(“0” =
V
bat; “1” = Vtemp)
“reserved” / not used
Table 6
Cyclic Wake & Window Watchdog Period Settings1)2)
1) “1” = ON, “0” = OFF
2) Cyclic wake and window watchdog period settings see Table 7 “Cyclic Wake Period Settings (Stop Mode only)” on
Page 23
Pos.
Cyclic Sense / Wake Config.
Window Watchdog Config.
5
Cyclic Period Bit 0 (T0)
Watchdog Period Bit 0 (T0)
6
Cyclic Period Bit 1 (T1)
Watchdog Period Bit 1 (T1)
7
Cyclic Period Bit 2 (T2)
Watchdog Period Bit 2 (T2)
8
Cyclic Period Bit 3 (T3)
Watchdog Period Bit 3 (T3)
9
Cyclic Period Bit 4 (T4)
Watchdog Period Bit 4 (T4)
10
“reserved” / not used
Watchdog Period Bit 5 (T5)
11
“reserved” / not used
“0” (mandatory)
12
“reserved” / not used
“reserved” / not used
13
“reserved” / not used
“reserved” / not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com