Electronic Components Datasheet Search
  English  ▼

X  

TLE7826G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7826G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7826G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7826G Datasheet HTML 9Page - Infineon Technologies AG TLE7826G Datasheet HTML 10Page - Infineon Technologies AG TLE7826G Datasheet HTML 11Page - Infineon Technologies AG TLE7826G Datasheet HTML 12Page - Infineon Technologies AG TLE7826G Datasheet HTML 13Page - Infineon Technologies AG TLE7826G Datasheet HTML 14Page - Infineon Technologies AG TLE7826G Datasheet HTML 15Page - Infineon Technologies AG TLE7826G Datasheet HTML 16Page - Infineon Technologies AG TLE7826G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Data Sheet
13
Rev. 3.01, 2008-04-15
TLE7826G
Operating Modes
4.5
Power Saving Modes
4.5.1
SBC Sleep Mode
During SBC Sleep Mode (see Figure 6), the lowest power consumption is achieved, by having its main voltage
regulator switched-off. As the microcontroller cannot be supplied, the integrated window watchdog can be disabled
in Sleep Mode via a dedicated SPI control bit. However, it can be turned-on for periodically waking-up the system,
e.g. ECU, by generating a reset and automatically switching to SBC Standby Mode.
This mode is entered via SPI command, and turns-off the integrated LIN bus transceiver, main voltage regulator
as well as all switches. Upon a voltage level change at the monitoring / wake-up pins or by LIN message the SBC
Sleep Mode will be terminated and the SBC Standby Mode will automatically be entered (turning-on the LDO).
Note: Upon a wake-up via LIN message the (internal) RxD signal stays “low” until mode switch.
Note: If the Window Watchdog was not enabled in Sleep Mode the Window Watchdog starts after wake-up with a
“long open window” in SBC Standby Mode.
Note: In Sleep Mode with activated watchdog (see Table 2 “SPI Input Data Bits” on Page 21) the oscillator
remains turned on.
Figure 6
State Diagram “SBC Sleep Mode”
Start Up
Power Up
SBC Standby Mode
ON
Vcc
„single“ µController SPI -Command:
- select SBC Sleep Mode via SPI Mode Bits
- window watchdog activation / deactivation via SPI
[can remain active as periodic reset timer ]
SBC Active Mode
MS2
ON
Vcc
MS1
01
MS0
0 / 1
transition caused by :
- event at MONx inputs
- LIN message
[SPI indicates source]
SBC Sleep Mode
MS2
OFF
Vcc
MS1
10
MS0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com