Electronic Components Datasheet Search
  English  ▼

X  

TLE8366EV50 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8366EV50
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366EV50 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8366EV50 Datasheet HTML 8Page - Infineon Technologies AG TLE8366EV50 Datasheet HTML 9Page - Infineon Technologies AG TLE8366EV50 Datasheet HTML 10Page - Infineon Technologies AG TLE8366EV50 Datasheet HTML 11Page - Infineon Technologies AG TLE8366EV50 Datasheet HTML 12Page - Infineon Technologies AG TLE8366EV50 Datasheet HTML 13Page - Infineon Technologies AG TLE8366EV50 Datasheet HTML 14Page - Infineon Technologies AG TLE8366EV50 Datasheet HTML 15Page - Infineon Technologies AG TLE8366EV50 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data sheet
12
Rev. 1.0, 2009-05-18
TLE8366
Module Enable and Thermal Shutdown
6
Module Enable and Thermal Shutdown
6.1
Description
With the enable pin the device can be set in off-state reducing the current consumption to less than 2µA.
The enable function features an integrated pull down resistor which ensures that the IC is shut down and the power
switch is off in case the pin EN is left open.
The integrated thermal shutdown function turns the power switch off in case of overtemperature. The typ. junction
shutdown temperature is 175°C, with a min. of 160°C. After cooling down the IC will automatically restart
operation. The thermal shutdown is an integrated protection function designed to prevent IC destruction when
operating under fault conditions. It should not be used for normal operation.
6.2
Electrical Characteristics Module Enable, Bias and Thermal Shutdown
Electrical Characteristics: Enable, Bias and Thermal Shutdown
V
S = 6.0 V to 40 V, Tj = -40 °C to +150 °C, all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
6.2.1
Current Consumption,
shut down mode
I
q,OFF
–0.1
2
µA
V
EN = 0.8V;
T
j < 105°C; VS = 16V
6.2.2
Current Consumption,
active mode
I
q,ON
–
–7mA
V
EN = 5.0V; ICC = 0mA;
V
S = 16V
FB connected to
V
OUT
6.2.3
Current Consumption,
active mode
I
q,ON
––
10
mA
V
EN = 5.0V; ICC = 1.8A;
V
S = 16V
FB connected to
V
OUT
1)
6.2.4
Enable high signal valid
V
EN,lo
3.0
––V
–
6.2.5
Enable low signal valid
V
EN,hi
––
0.8
V
–
6.2.6
Enable hysteresis
V
EN,HY
50
200
400
mV
1)
1) Specified by design. Not subject to production test.
6.2.7
Enable high input current
I
EN,hi
––
30
µA
V
EN = 16V
6.2.8
Enable low input current
I
EN,lo
–0.1
1
µA
V
EN = 0.5V
6.2.9
Over temperature shutdown
T
j,sd
160
175
190
°C
1)
6.2.10
Over temperature shutdown
hysteresis
T
j,sd_hyst
–15
–
K
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com