Electronic Components Datasheet Search
  English  ▼

X  

TLE8444SL Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE8444SL
Description  Quad Half-Bridge Driver IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8444SL Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE8444SL Datasheet HTML 20Page - Infineon Technologies AG TLE8444SL Datasheet HTML 21Page - Infineon Technologies AG TLE8444SL Datasheet HTML 22Page - Infineon Technologies AG TLE8444SL Datasheet HTML 23Page - Infineon Technologies AG TLE8444SL Datasheet HTML 24Page - Infineon Technologies AG TLE8444SL Datasheet HTML 25Page - Infineon Technologies AG TLE8444SL Datasheet HTML 26Page - Infineon Technologies AG TLE8444SL Datasheet HTML 27Page - Infineon Technologies AG TLE8444SL Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
TLE 8444SL
Block Description
Data Sheet
24
Rev. 1.1, 2009-07-07
5.5
Output Switching Capability
Dead Time to prevent Cross Currents
In bridge configurations the high-side and low-side power transistors are ensured never to be simultaneously “ON”
to avoid cross currents. This is usually assured by the integration of delays in the driver stage for the power
outputs, generating a so-called dead-time between switching off one Power Transistors while switching on the
other Power Transistor of the same half-bridge.
To ensure that there is no overlap of the switching slopes that would lead to a cross current, a dead-time tdb is
specified. Refer to Figure 16 and the test circuit in Figure 17.
Figure 16
Switching Time Definitions
V
INx
t
H
L
IOUT
x
tdonH
50%
90%
10%
tonH
90%
10%
toffL
toffH
tdoffH
50%
tdb
tdoffL
tdonL
tonL
no current
90%
10%
tdb
10%
90%
t
Vs
100
Ω
+
Vs
100
Ω
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com