Electronic Components Datasheet Search
  English  ▼

X  

TLE8203E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8203E
Description  Mirror Power IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8203E Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8203E Datasheet HTML 1Page - Infineon Technologies AG TLE8203E Datasheet HTML 2Page - Infineon Technologies AG TLE8203E Datasheet HTML 3Page - Infineon Technologies AG TLE8203E Datasheet HTML 4Page - Infineon Technologies AG TLE8203E Datasheet HTML 5Page - Infineon Technologies AG TLE8203E Datasheet HTML 6Page - Infineon Technologies AG TLE8203E Datasheet HTML 7Page - Infineon Technologies AG TLE8203E Datasheet HTML 8Page - Infineon Technologies AG TLE8203E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Final Data Sheet
5
Rev. 1.0, 2009-02-04
TLE 8203E
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration PG-DSO-36-50
3.2
Pin Definitions and Functions
Pin
Symbol
Function
cooling
tab
GND
Cooling Tab; internally connected to GND;
To reduce thermal resistance, place cooling areas and thermal vias on PCB.
1, 18,
19, 36
GND
Ground; internally connected to cooling tab (exposed pad).
2OUT5
Power-Output of Half-Bridge output 5; DMOS half-bridge (mirror position).
3OUT6
Power-Output of Half-Bridge output 6; DMOS half-bridge (mirror position).
4, 26,
30, 33
V
S
Power Supply; needs decoupling capacitors to GND. > 47
µF electrolytic in parallel
with 100 nF ceramic is recommended. All
V
S pins must be connected externally.
5INH
Inhibit; active low. Sets the device in sleep mode with low current consumption
when left open or pulled to LOW. Has an internal pull-down current source.
6PWM1
Logic Input for Direct Power Stage Control; direct input to control the high-side
switches selected by the SPI xsel1 bits in control register CtrlReg01.
7PWM2
Logic Input for Direct Power Stage Control; direct input to control the switches
selected by the SPI xsel2 bits in control register CtrlReg11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com