Electronic Components Datasheet Search
  English  ▼

X  

EM3027 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM3027
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM3027 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
R
EM3027
Copyright © 2009, EM Microelectronic-Marin SA
12/09 – rev D
1
www.emmicroelectronic.com
Real Time Clock with I2C or SPI, Crystal Temperature
Compensation, Battery Switchover and Trickle Charger
Description
The EM3027 is an Ultra Low Power CMOS real-time
clock IC with two serial interface modes: I2C or SPI. The
interface mode is selected by the chip version (see §12).
The basic clock is obtained from the 32.768 kHz crystal
oscillator. A thermal compensation of the frequency is
based on the temperature measurement and calculation
of the correction value. The temperature can be
measured internally or be input by an external application
to the register.
The chip provides clock and calendar information in BCD
format with alarm possibility. The actual contents are
latched at the beginning of a read transmission and
afterwards data are read without clock counter data
corruption.
An integrated 16-bit timer can run in Zero-Stop or Auto-
Reload mode.
An interrupt request signal can be provided through
INT/IRQ pin generated from alarm, timer, voltage
detector and Self-Recovery system.
An integrated trickle charger allows recharging backup
supply VBack from the main supply voltage VCC through
internal resistor(s). The internal device supply will
switchover to VCC when VCC is higher than VBack and vice
versa.
The device operates over a wide 1.4 to 5.5V supply
range and requires only 900 nA at 5V. It can detect
internally two supply voltage levels.
Applications
Utility meters
Battery operated and portable equipment
Consumer electronics
White/brown goods
Pay phones
Cash registers
Personal computers
Programmable controller systems
Data loggers
Features
Fully operational from 2.1 to 5.5V
Supply current typically 600 nA at 1.4V
Thermal compensated crystal frequency
Oscillator stability 0.5 ppm / Volt
Counter for seconds, minutes, hours, day of week,
date months, years in BCD format and alarm
Leap year compensation
16-bits timer with 2 working modes
Two low voltage detection levels VLow1, VLow2
Automatic supply switchover
Serial communication via I2C (I
2C-bus specification
Rev. 03 compatible – see §10.2) or SPI (3-line SPI-
bus with separate combinable data input and output)
Thermometer readable by the host
Trickle charger to maintain battery charge
Integrated oscillator capacitors
Two EEPROM and 8 RAM data bytes for application
Digital Self-Recovery system
No busy states and no risk of corrupted data while
accessing
One hour periodical configuration registers refresh
Support for standard UL1642 for Lithium batteries
Standard temperature range: -40°C to +85°C
Extended temperature range: -40°C to +125°C
Packages: TSSOP8, TSSOP14, SO8.
Block Diagram
SCL/SCK
SDA/SO
CLKOUT
EM3027
VCC
VBack
Watch & Alarm
- Seconds
- Minutes
- Hours
-Days
- Weekdays
- Months
- Years
Timer
EEPROM
Temperature
Sensor
SI
CS
CLKOE
INT or IRQ
X1
X2
VREG
Oscillator
Power
Management
Output
Control
I2C
or SPI
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM3027

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
Battery Switchover and Trickle Charger
EM3027IDSSO8B EMMICRO-EM3027IDSSO8B Datasheet
1Mb / 28P
Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
EM3027IDSTP14 EMMICRO-EM3027IDSTP14 Datasheet
1Mb / 28P
Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
EM3027IDSWS8 EMMICRO-EM3027IDSWS8 Datasheet
1Mb / 28P
Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
EM3027IDXSO8B EMMICRO-EM3027IDXSO8B Datasheet
1Mb / 28P
Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3027

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
Serial I2C bus real-time clock (RTC) with battery switchover
26-Oct-2012
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
Serial SPI bus real-time clock with battery switchover
12-Oct-2011
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027_13 Datasheet
1Mb / 28P
Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
Battery Switchover and Trickle Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com