Electronic Components Datasheet Search
  English  ▼

X  

EM4033 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4033
Description  64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4033 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4033 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
EM4033
Copyright
© 2008, EM Microelectronic-Marin SA
12/08 – rev.A
1
www.emmicroelectronic.com
64 bit Read Only ISO15693 Standard Compliant
Contactless Identification Device
General Description
The EM4033 is a 64 bit Read Only CMOS integrated circuit
intended for use in passive long-range applications. The IC
is full compliant with the ISO/IEC15693 and ISO18000- 3
standards.
Each device contains a 64 bit unique serial number,
programmed during the production, which guarantees the
uniqueness of each device.
The read only memory offers 200 years data retention,
tailored feature for long life-term asset applications such as
archives and libraries.
The chip's low current consumption offers many essential
benefits such as long reading ranges and makes it a robust
and reliable solution in harsh environments.
The EM4033 integrates an optimized command set thus
supporting all mandatory, an optional and one custom
command.
The ISO15693 anticollision algorithm allows several tags to
be simultaneously in operation within the field. The
Advanced Quiet storage feature, implemented in the chip,
speeds up the inventory processes, increasing in a
meaningful way the item detection speed.
Applications
Laundry
Long-term asset management
Archives and collections
Libraries
Access Control and Ticketing
Features
Supports ISO15693 / ISO18000-3 standards
Operating Frequency: 13.56MHz ± 7kHz
(ISM, world-wide licence free available)
200 years data retention
Long read range IC offering high and reliable
performances
ISO/IEC 15693 anticollision algorithm allowing several
tags within the reader field at the same time
64-bit Unique Identifier (UID)
Quiet Storage feature to speed up inventory processes
On-chip resonant capacitor: 23.5pF
No external supply buffer capacitor needed
-40 to +85˚C temperature range
Bonding pads optimised for flip-chip assembly
Typical Operating Configuration
Fig. 1
IC Block Diagram
Fig. 2
C1
EM4033
C2
EM MICROELECTRONIC - MARIN SA
Vdd
Cr
L2
L1
POR
R O
Memory
MODULATOR
LIMITER
POWER
MONITOR
C
BUF
AM
DEMODULATOR
MOD
LOGIC
CLOCK
EXTRACTOR
RECEIVED
CLOCK
Lr
VPOS
PULSE
RECTIFIER
PCK
R
E
G


Similar Part No. - EM4033

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
More results

Similar Description - EM4033

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4135 EMMICRO-EM4135 Datasheet
76Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com