Electronic Components Datasheet Search
  English  ▼

X  

MBR2045CT Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBR2045CT
Description  SWITCHMODE?? Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR2045CT Datasheet(HTML) 3 Page - Motorola, Inc

  MBR2045CT Datasheet HTML 1Page - Motorola, Inc MBR2045CT Datasheet HTML 2Page - Motorola, Inc MBR2045CT Datasheet HTML 3Page - Motorola, Inc MBR2045CT Datasheet HTML 4Page - Motorola, Inc MBR2045CT Datasheet HTML 5Page - Motorola, Inc MBR2045CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR2035CT MBR2045CT
3
Rectifier Device Data
(CAPACITIVE LOAD)
I
PK
I
AV
+ 5
110
TC, CASE TEMPERATURE (°C)
20
15
10
5.0
0
TA, AMBIENT TEMPERATURE (°C)
80
0
32
16
8.0
4.0
0
40
120
130
140
40
20
160
12
150
160
Figure 5. Current Derating, Infinite Heatsink
Figure 6. Current Derating, R
qJA = 16°C/W
60
120
100
140
4.0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
16
10
8.0
4.0
0
TA, AMBIENT TEMPERATURE (°C)
80
0
10
8.0
4.0
2.0
0
40
8.0
12
20
16
20
20
160
6.0
24
32
28
Figure 7. Forward Power Dissipation
Figure 8. Current Derating, Free Air
60
120
100
140
35
30
25
28
20
24
6.0
2.0
18
14
12
0.01
0.1
1.0
10
100
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.5
0.3
0.2
1.0
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
∆TJL = Ppk • RθJL [D + (1 – D) • r(t1 + tp) + r(tp) – r(t1)] where:
∆TJL = the increase in junction temperature above the lead temperature.
r(t) = normalized value of transient thermal resistance at time, t, i.e.:
r(t1 + tp) = normalized value of transient thermal resistance at time,
t1 + tp, etc.
1000
Figure 9. Thermal Response
dc
TJ = 150°C
SINE WAVE
RESISTIVE LOAD
SQUARE
WAVE
(CAPACITIVE LOAD)
I
PK
I
AV
+ 5
20
10
RATED VOLTAGE APPLIED
dc
SQUARE
WAVE
20
10
I
PK
I
AV
+ p (RESISTIVE LOAD)
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20, 10, 5
RATED VOLTAGE APPLIED
dc
SQUARE
WAVE
I
PK
I
AV
+ p (RESISTIVE LOAD)
dc
SQUARE
WAVE
I
PK
I
AV
+ p (RESISTIVE LOAD)
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20, 10, 5
RATED VOLTAGE APPLIED
RqJA = 60°C/W
0.07
0.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com