Electronic Components Datasheet Search
  English  ▼

X  

EM4133 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4133
Description  512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4133 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4133 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM4133
Copyright
© 2008, EM Microelectronic-Marin SA
Subject to change without notice
Rev. A, 05/08
Phone: +41.32.755-5111, Fax: +41.32.755-5403
www.emmicroelectronic.com
info@emmicroelectronic.com
512 bit Read/Write, ISO15693 Standard Compliant
Contactless RW Identification Device
General Description
The EM4133 is a CMOS integrated circuit intended for use
in
passive
contactless
Read/Write
transponders
full
compliant with the ISO/IEC 15693 standard.
The user’s configurable 448 bit EEPROM memory is
organized in 14 words of 32 bits.
Each memory word can be write protect or irreversibly
locked. The 32 bit password guaranties a good level of
security for the protection of the data memory integrity. Each
device contains a 64 bit unique serial number.
The ISO 15693 anticollision algorithm allows operating more
tags in the field simultaneously. Moreover, the advanced
Quiet Storage feature permits to have faster inventory
processes in multi dimensional environments where the
reader is multiplexing several antennas and the tags can be
in any orientation inside the reader field.
The EM4133 is completely ISO/IEC 15693 compliant. It
includes all ISO/IEC15693 mandatory and most part of the
optional features, a set of attractive and useful custom
commands.
Applications
Laundry
Access Control
Supply chain management and ePedigree
Ticketing
Asset management
Features
ISO/IEC15693 Standard: Fully compliant, support all
Mandatory and most part of the Optional commands
Operating
Frequency:
13.56MHz
±
7kHz
(ISM, world-wide licence free available)
64-bit Unique Identifier number (UID)
448 bit user’s configurable EEPROM, organized in 14
words of 32 bits
302 bit of user’s free memory
32 bit password to protect the data memory integrity
Quiet Storage feature to speed up inventory processes
Lock feature converts EEPROM words in Read Only
Secure data transfers using the Login command
Smart Electronic Article Surveillance (EAS)
Two different on-chip resonant capacitor: 23.5pF and
97pF (selectable by mask option)
ISO/IEC 15693 anti-collision algorithm allowing more
tags in reader field at the same time
No external supply buffer capacitor needed (passive
mode)
-40 to +85˚C temperature range
Bonding pads optimised for flip-chip assembly
Typical Operating Configuration
IC Block Diagram
C1
EM4133
C2
EM MICROELECTRONIC - MARIN SA
Vdd
Cr
L2
L1
POR
EEPROM
R
E
G
U
L
A
T
O
R
MODULATOR
LIMITER
POWER
MONITOR
CBU
A
DEMODULATOR
MOD
LOGIC
CLOCK
EXTRACTOR
RECEIVED
CLOCK
Lr
VPOS
PULSE
RECTIFIER
PCK


Similar Part No. - EM4133

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4135 EMMICRO-EM4135 Datasheet
76Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
More results

Similar Description - EM4133

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
EM4135 EMMICRO-EM4135 Datasheet
76Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
512 bit, Read/Write UHF Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4233 EMMICRO-EM4233 Datasheet
50Kb / 1P
2k bit Read/Write High Secure ISO15693 Standard Compliant Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com