Electronic Components Datasheet Search
  English  ▼

X  

EM4200 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4200
Description  128 bit Read Only Low Frequency Contactless Identification Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4200 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4200 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM4200
Copyright
© 2009, EM Microelectronic-Marin SA
Subject to change without notice
Rev. B, 10/09
Phone: +41.32.755-5111, Fax: +41.32.755-5403
www.emmicroelectronic.com
info@emmicroelectronic.com
128 bit Read Only Low Frequency Contactless Identification
Device
Description
EM4200 is a CMOS integrated circuit intended for use in
electronic Read Only RF transponders. It is designed to
replace seamlessly the EM Microelectronic-Marin Read
Only ICs EM4100/4102 and EM4005/4105.
The circuit is powered by an external coil placed in an
electromagnetic field and gets its master clock from the
same field. By turning on and off the modulation current,
the chip sends back the unique code contained in a factory
pre-programmed laser ROM.
The 128 bit unique code is stored in laser programmed
ROM. Several options are available to use 64, 96 or 128
bits of ROM.
The IC offers also different resonant capacitor versions,
selectable by mask option (0pF, 75pF and 250pF) providing
the same reading performances to ensure seamless
replacement.
Typical Applications
Animal Identification according to ISO11785 (FDX-B)
Waste management standard (BDE)
Access Control
Logistics automation
Anti-counterfeiting
Industrial transponder
Features
Full compatible with EM4100/4102 and EM4005/4105
communication protocols.
128 bit laser programmed ROM (64 and 96 bit option
available)
Several options of data rate and data encoding:
Manchester 32 and 64 RF clocks per bit
Biphase 32 and 64 RF clocks per bit
PSK 16 RF clocks per bit (subcarrier RF/2)
FSK2 50RF clocks per bit
Several resonant capacitor integrated on chip
(0pF, 75pF or 250pF mask option)
100 to 150 kHz frequency range
On-chip rectifier and voltage limiter
No external supply buffer capacitor needed
-40°C to +85
°C temperature range
Very low power consumption and High performances
Typical Configuration
Ordering Information
The versions below are considered standards and should be readily available. For other versions or other delivery form,
please contact EM Microelectronic-Marin S.A.
Part Number
IC Data Encoding
Data Length
IC Cres
Package
Delivery Form
EM4200A6WS7-001
Manchester – 64RF
64 bits
250pF
Sawn wafer
Wafer on frame
EM4200A6WB11E-051 Manchester – 64RF
64 bits
250pF
Die
Blister Tape
EM4200C4WS7-002
PSK – 16RF
64 bits
250pF
Sawn wafer
Wafer on frame
EM4200EXWS7-003
FSK2 – 50RF
96 bits
250pF
Sawn wafer
Wafer on frame
EM4200B5WS7-006
Biphase – 32RF
128 bits
250pF
Sawn wafer
Wafer on frame
EM4200C4WS7-008
PSK – 16RF
64 bits
75pF
Sawn wafer
Wafer on frame
EM4200XXYYY-%%%
Custom
Custom
Custom
Custom
Custom
EM MICROELECTRONIC - MARIN SA
C1
EM4200
L
C2


Similar Part No. - EM4200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM421M1612VTA ETC2-EM421M1612VTA Datasheet
822Kb / 18P
16Mb ( 2Banks ) Synchronous DRAM
EM421M1612VTB ETC2-EM421M1612VTB Datasheet
822Kb / 18P
16Mb ( 2Banks ) Synchronous DRAM
EM421M1614VTA ETC2-EM421M1614VTA Datasheet
822Kb / 18P
16Mb ( 2Banks ) Synchronous DRAM
EM421M1614VTB ETC2-EM421M1614VTB Datasheet
822Kb / 18P
16Mb ( 2Banks ) Synchronous DRAM
EM421M1622VTA ETC2-EM421M1622VTA Datasheet
822Kb / 18P
16Mb ( 2Banks ) Synchronous DRAM
More results

Similar Description - EM4200

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4069 EMMICRO-EM4069 Datasheet
261Kb / 15P
128 bit Read/Write Contactless Identification Device with OTP function
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com