Electronic Components Datasheet Search
  English  ▼

X  

EM6420 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6420
Description  Ultra Low Power Capacitive Touch Sensor Interface IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6420 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6420 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM6420
Copyright
© 2008, EM Microelectronic-Marin SA
Subject to change without notice
Rev. B, 10/08
Phone: +41.32.755-5111, Fax: +41.32.755-5403
www.emmicroelectronic.com
info@emmicroelectronic.com
Ultra Low Power Capacitive Touch Sensor Interface IC
Description
The EM6420 is an ultra low power Touch Sensor Interface IC
able to scan sequentially up to 16 capacitive sensors. No
software development is required. The device parameters
(number of used sensors, sensors scan frequency, sensors
sensitivity level, IRQ condition) are configurable either from a
host microcontroller through a communication port or through
configuration inputs.
Recognised touch inputs will be signaled with an active edge
at the IRQ pad and data are ready to be read through the
communicaion port by the host MCU. Conditions for the IRQ
to get active are configurable : at the end of every scan, at
the end of a scan if at least one sensor is active or at the end
of a scan if the sensors state has changed.
The EM6420 can also detect the most active sensor in
applications where sensors are tightly spaced. It compares
relative levels among sensors and selects the sensor with the
largest signal strength.
To increase the number of sensors >16, use several EM6420
in parallel.
Depending on the selected supply voltage range, 3 or 4
decoupling capacitors are required for the entire functionality
of the EM6420 from -40 to + 85°C.
Features
Up to 16 analogue sensor inputs
User selectable communication interfaces : 4-wire SPI,
I
2C, 4-bit parallel interface and 8-bit direct output
User-selectable active edge IRQ output signal
Active high enable input
No software development and tuning required
Development tools and documentations available
Complete solution/module available: IC + sensors
design on any subtract
Electrical Characteristics
Supply voltage
1.2 V to 2.0 V
or
2.2 V to 3.6 V
Power consumption active
8.5 µA @ 3.0 V
Power consumption standby
5.5 µA @ 3.0 V
Power consumption sleep
0.6 µA @ 3.0 V
Nominal sensor capacitance
3 to 31 pF
Sensors scan frequency
1 Hz to 128 Hz *
* frequency depending on number of sensors
COM clock frequency
up to 400 kHz
Availability
Naked die
SMT package MLF40
Design Considerations
The EM6420 is well suited for battery and mains powered
applications where the following features are important :
Tamper proof applications
Nice and clean designs
Touch function to avoid buttons and keys
Slider functions
Hygienic issues, cleaning aspects
Waterproof designs
Applications
Mobile phones, cordless phones
PDA, keyboards
White & brown goods
Toys
Lighting - Sliders for dimming
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6420

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420V3LF40D+ EMMICRO-EM6420V3LF40D+ Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420V3WS10 EMMICRO-EM6420V3WS10 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420V3WS10E EMMICRO-EM6420V3WS10E Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420V3XXXX+ EMMICRO-EM6420V3XXXX+ Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results

Similar Description - EM6420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
Programmable low-power capacitive sensor conditioning IC
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
16-channel Capacitive Touch Sensor IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
logo
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Texas Instruments
C5000 TI1-C5000_14 Datasheet
957Kb / 4P
Ultra-Low-Power DSP Audio Capacitive Touch BoosterPack
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512_16 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6510 MAS-MAS6510 Datasheet
800Kb / 32P
Capacitive Sensor Signal Interface IC
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com