Electronic Components Datasheet Search
  English  ▼

X  

EN5311 Datasheet(PDF) 2 Page - Enpirion, Inc.

Part # EN5311
Description  1A Synchronous Buck Regulator With Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5311 Datasheet(HTML) 2 Page - Enpirion, Inc.

  EN5311 Datasheet HTML 1Page - Enpirion, Inc. EN5311 Datasheet HTML 2Page - Enpirion, Inc. EN5311 Datasheet HTML 3Page - Enpirion, Inc. EN5311 Datasheet HTML 4Page - Enpirion, Inc. EN5311 Datasheet HTML 5Page - Enpirion, Inc. EN5311 Datasheet HTML 6Page - Enpirion, Inc. EN5311 Datasheet HTML 7Page - Enpirion, Inc. EN5311 Datasheet HTML 8Page - Enpirion, Inc. EN5311 Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
03799
11/24/2009
Rev:B
EN5311QI
©Enpirion 2009 all rights reserved, E&OE
2
www.enpirion.com
Pin Description
VIN
(Pin 1,2): Input voltage pin.
Supplies
power to the IC.
Input GND
: (Pin 3): Input power ground.
Connect this pin to the ground terminal of the
input
capacitor.
Refer
to
Layout
Recommendations for further details.
Output GND
: (Pin 4): Power ground.
The
output filter capacitor should be connected
between this pin and VOUT. Refer to Layout
recommendations for further detail.
VOUT
(Pin 5,6,7): Regulated output voltage.
NC
(Pin 8,9,10,11,12,13,14): These pins
should not be electrically connected to each
other or to any external signal, voltage, or
ground. One or more of these pins may be
connected internally.
VSENSE
(Pin 15):
Sense pin for output
voltage regulation.
Connect VSENSE to the
output voltage rail as close to the terminal of
the output filter capacitor as possible.
VFB
(Pin 16): Feed back pin for external
divider option. When using the external divider
option (VS0=VS1=VS2= high) connect this pin
to the center of the external divider. Set the
divider such that VFB = 0.603V.
VS0,VS1,VS2
(Pin 17,18,19): Output voltage
select. VS0=pin19, VS1=pin18, VS2=pin17.
Selects one of seven preset output voltages or
choose external divider by connecting pins to
logic high or low. Logic low is defined as VLOW
≤ 0.4V. Logic high is defined as VHIGH ≥ 1.4V.
Any level between these two values is
indeterminate.
ENABLE
(Pin 20): Output enable. Enable =
logic high, disable = logic low. Logic low is
defined as VLOW ≤ 0.2V. Logic high is defined
as VHIGH ≥ 1.4V. Any level between these two
values is indeterminate.
Bottom Thermal Pad
: Device thermal pad to
remove heat from package. Connect to PCB
surface ground pad and PCB internal ground
plane (see layout recommendations).
Figure 2. Pin description, top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com