Electronic Components Datasheet Search
  English  ▼

X  

EN5337QI Datasheet(PDF) 9 Page - Enpirion, Inc.

Part # EN5337QI
Description  3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5337QI Datasheet(HTML) 9 Page - Enpirion, Inc.

Back Button EN5337QI Datasheet HTML 4Page - Enpirion, Inc. EN5337QI Datasheet HTML 5Page - Enpirion, Inc. EN5337QI Datasheet HTML 6Page - Enpirion, Inc. EN5337QI Datasheet HTML 7Page - Enpirion, Inc. EN5337QI Datasheet HTML 8Page - Enpirion, Inc. EN5337QI Datasheet HTML 9Page - Enpirion, Inc. EN5337QI Datasheet HTML 10Page - Enpirion, Inc. EN5337QI Datasheet HTML 11Page - Enpirion, Inc. EN5337QI Datasheet HTML 12Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
02638
6/18/2009
Rev:D
EN5337QI
©Enpirion 2009 all rights reserved, E&OE
9
www.enpirion.com
Input Under-Voltage Lock-Out
Internal circuits ensure that the converter will
not start switching until the input voltage is
above
the
specified
minimum
voltage.
Hysteresis, input de-glitch, and output leading
edge blanking ensure high noise immunity and
prevent false UVLO triggers.
Compensation
The EN5337QI uses a type 3 compensation
network. A piece of the compensation circuit is
the phase lead capacitor CA in Figure 5. This
network will provide wide loop bandwidth and
excellent transient performance for most
applications. It is optimized for use with about
50μF of output filter capacitance at the voltage
sensing point. Additional load decoupling
capacitance may be placed beyond the voltage
sensing point outside the control loop. Voltage
mode operation provides high noise immunity
at light load, and low output impedance.
In some applications modifications to the
compensation may be required. For more
information,
contact
Enpirion
Applications
Engineering support.
Application Information
The EN5337QI output voltage is determined by
the voltage presented at the XFB pin. This
voltage is set by way of a resistor divider
between VOUT and AGND with the midpoint
going to XFB. A phase lead capacitor CA is
also required for stabilizing the loop. Figure 5
shows the required components and the
equations to calculate the values.
XFB
V
OUT
R
A
C
A
R
B
)
75
.
0
(
*
75
.
0
22
,
150
V
VOUT
RA
RB
pF
CA
k
RA
−
=
=
Ω
=
Figure 5: VOUT Resistor Divider Network and
Compensation Capacitor CA
Input Capacitor Selection
The EN5337QI requires between 10uF and
20uF of input capacitance. Low-cost, low-ESR
ceramic capacitors should be used as input
capacitors for this converter. The dielectric
must be X5R or X7R rated. Y5V or equivalent
dielectric formulations must not be used as
these
lose
too
much
capacitance
with
frequency, temperature and bias voltage. In
some applications, lower value capacitors are
needed in parallel with the larger, capacitors in
order to provide high frequency decoupling.
Recommended Input Capacitors
Description
MFG
P/N
Murata
GRM31CR71A106KA01L
10uF, 10V, 10%
X7R, 1206
(1-2 capacitors needed)
Taiyo Yuden
LMK316B7106KL-T
Murata
GRM31CR61A226ME19L
22uF, 10V, 20%
X5R, 1206
(1 capacitor needed)
Taiyo Yuden
LMK316BJ226ML-T
Output Capacitor Selection
The EN5337QI has been optimized for use
with approximately 50μF of output filter
capacitance at the voltage sensing point
Additional load decoupling capacitance may be
placed beyond the voltage sensing point
outside the control loop. Low ESR ceramic
capacitors are required with X5R or X7R rated
dielectric formulation.
Y5V or equivalent
dielectric formulations must not be used as
these
lose
too
much
capacitance
with
frequency, temperature and bias voltage.
Output ripple voltage is determined by the
aggregate output capacitor impedance. Output
impedance, denoted as Z, is comprised of
effective series resistance, ESR, and effective
series inductance, ESL:
Z = ESR + ESL
Placing output capacitors in parallel reduces
the impedance and will hence result in lower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com