Electronic Components Datasheet Search
  English  ▼

X  

EP5352Q Datasheet(PDF) 2 Page - Enpirion, Inc.

Part # EP5352Q
Description  500/600/800mA Synchronous Buck Regulators With Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5352Q Datasheet(HTML) 2 Page - Enpirion, Inc.

  EP5352Q Datasheet HTML 1Page - Enpirion, Inc. EP5352Q Datasheet HTML 2Page - Enpirion, Inc. EP5352Q Datasheet HTML 3Page - Enpirion, Inc. EP5352Q Datasheet HTML 4Page - Enpirion, Inc. EP5352Q Datasheet HTML 5Page - Enpirion, Inc. EP5352Q Datasheet HTML 6Page - Enpirion, Inc. EP5352Q Datasheet HTML 7Page - Enpirion, Inc. EP5352Q Datasheet HTML 8Page - Enpirion, Inc. EP5352Q Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
03132
4/28/2009
Rev:B
EP5382Q/EP5362Q/EP5352Q
©Enpirion 2009 all rights reserved, E&OE
2
www.enpirion.com
Absolute Maximum Ratings
CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond recommended operating
conditions is not implied. Stress beyond absolute maximum ratings may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
-0.3
7.0
V
Voltages on: ENABLE, VSENSE, VS0-VS2
-0.3
VIN + 0.3
V
Voltage on: VFB
-0.3
2.7
V
Storage Temperature Range
TSTG
-65
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020A
260
°C
ESD Rating (based on Human Body Model)
2000
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.4
5.5
V
Output Voltage Range
VOUT
0.6
VIN-0.45
V
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient (0 LFM)
θJA
65
°C/W
Thermal Resistance: Junction to Case (0 LFM)
θJC
15
°C/W
Thermal Shutdown
TJ-TP
+150
°C
Thermal Shutdown Hysteresis
15
°C
Electrical Characteristics
NOTE: TA = 25°C unless otherwise noted. Typical values are at VIN = 3.6V.
EP5352QI, EP5362QI: CIN = 2.2μF, COUT=10uF.
EP5382QI: CIN = 4.7μF, COUT=10uF.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage
VIN
2.4
5.5
V
Under Voltage Lockout
VUVLO
VIN going low to high
2.2
2.3
V
UVLO Hysteresis
0.145
V
VOUT Initial Accuracy
VOUT
2.4V ≤ VIN ≤ 5.5V, ILOAD = 100mA;
TA = 25C
-2.0
+2.0
%
VOUT Variation for all
Causes
VOUT
2.4V ≤ VIN ≤ 5.5V, ILOAD = 0 - 1A,
TA = -40°C to +85°C
-3.0
+3.0
%
Feedback Pin Voltage
VFB
2.4V ≤ VIN ≤ 5.5V, ILOAD = 100mA
VSO=VS1=VS2=1
0.591
0.603
0.615
V
Feedback Pin Input Current
IFB
1
nA
Feedback Pin Voltage
VFB
2.4V ≤ VIN ≤ 5.5V, ILOAD = 0-800mA,
TA = -40°C to +85°C
VSO=VS1=VS2=1
0.585
0.603
0.621
V
Dynamic Voltage Slew Rate
Vslew
3
mV/
μS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com