Electronic Components Datasheet Search
  English  ▼

X  

EUA6029 Datasheet(PDF) 13 Page - Eutech Microelectronics Inc

Part # EUA6029
Description  2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6029 Datasheet(HTML) 13 Page - Eutech Microelectronics Inc

Back Button EUA6029 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6029 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA6029 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA6029 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA6029 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA6029 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA6029 Datasheet HTML 14Page - Eutech Microelectronics Inc EUA6029 Datasheet HTML 15Page - Eutech Microelectronics Inc EUA6029 Datasheet HTML 16Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EUA6029
DS6029 Ver 1.0 Feb. 2008
13
When a logic high is placed on the SHUTDOWN pin
and the FADE pin is still held low, the device begins the
start-up process, the bypass capacitor will begin charging.
Once the bypass voltage reaches the final value of
VDD/2 ,the gain increases in2-dB steps from the lowest
gain level to the gain level set by the dc voltage applied to
the VOLUME pins.
In the fade-off mode, the output of the amplifier
immediately drops to VDD/2 and the bypass capacitor
begins a smooth discharge to ground When shutdown is
released, the bypass capacitor charges up to VDD/2 and
the channel gain returns immediately to the value on the
VOLUME terminal.
The power-up sequence is different from the shutdown
sequence and the voltage on the FADE pin does not
change the power-up sequence. Upon a power-up
condition, the EUA6029 begins
in the lowest gain
setting and steps up 2 dB every 2 clock cycles until the
final value is reached as determined by the dc voltage
applied to the VOLUME pins.
Bridged-Tied Load Versus Single-Ended Mode
Figure 27 show a Class-AB audio power amplifier (APA)
in a BTL configuration. The EUA6029 BTL amplifier
consists of two Class-AB amplifiers driving both ends of
the load. There are several potential benefits to this
differential drive configuration, but initially consider
power to the load. The differential drive to the speaker
means that as one side is slewing up, the other side is
slewing down, and vice versa. This in effect doubles the
voltage swing on the load as compared to a ground
referenced load. Plugging 2×VO(PP) into the power
equation, where voltage is squared, yields 4× the output
power from the same supply rail and load impedance(see
equation 1)
V(rms) =
Power =
------(1)
Figure 27.Bridge-Tied Load configuration
In a typical computer sound channel operating at 5V,
bridging raises the power into an 8-Ω speaker from a
singled-ended (SE, ground reference) limit of 250 mW to
1W. In sound power that is a 6-dB improvement, which is
loudness that can be heard . In addition to increased power
there are frequency response concerns. Consider the
single-supply SE configuration shown in Figure 28.
A coupling capacitor is required to block the dc offset
voltage from reaching the load. These capacitors can be
quite large (approximately 33µF to 1000µF) so they tend
to be expensive, heavy, occupy valuable PCB area, and
have the additional drawback of limiting low-frequency
performance of the system. This frequency limiting effect
is due to the high pass filter network created with the
speaker impedance and the coupling capacitance and is
calculated with equation 2.
fC =
C
C
L
R
2
1
π
----------------------------------(2)
For example, a 68µF capacitor with an 8-Ω speaker would
attenuate low frequencies below 293 Hz. The BTL
configuration cancels the dc offsets, which eliminates the
need for the blocking capacitors. Low-frequency
performance is then limited only by the input network and
speaker response. Cost and PCB space are also minimized
by eliminating the bulky coupling capacitor.
Figure 28. Single-Ended configuration and
Frequency Response
Increasing power to the load does carry a penalty of
increased internal power dissipation. The increased
dissipation is understandable considering that the BTL
configuration produces 4 × the output power of the SE
configuration. Internal dissipation versus output power is
discussed further in the crest factor and thermal
considerations section.
Single-Ended Operation
In SE mode the load is driven from the primary amplifier
output for each channel. The amplifier switches
single-ended operation when the
BTL
SE/
terminal is held
high. This puts the negative outputs in a high-impedance
state, and reduces the amplifier’s gain to 1V/V.
2
2
O(PP)
V
L
R
2
(rms)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com