Electronic Components Datasheet Search
  English  ▼

X  

515PWC Datasheet(PDF) 1 Page - HB Electronic Components

Part # 515PWC
Description  LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

515PWC Datasheet(HTML) 1 Page - HB Electronic Components

  515PWC Datasheet HTML 1Page - HB Electronic Components 515PWC Datasheet HTML 2Page - HB Electronic Components 515PWC Datasheet HTML 3Page - HB Electronic Components 515PWC Datasheet HTML 4Page - HB Electronic Components 515PWC Datasheet HTML 5Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
1/5
5MM LED SPECIFICATION
Part No./型号: 515PWC
Features/特征:
Single color/特征
High bright output/高亮度输出
Low power consumption/低功耗
High reliability and long life/可靠性高、寿命长
Low brightness declines/低光衰
Descriptions/描述:
Dice material/芯片材质:GaInN
Emitting Color/发光颜色:
Super Bright White/高亮度白色
Device Outline/产品外形:
φ5mm Round Type/5mm 圆形
Lens Type/胶体颜色:Water Clear/无色透明
Directivity/指向特性:
NOTE/注意:
All dimensions are millimeters/单位:mm
Tolerance is +/-0.25mmunless otherwise
noted/没有标注的公差为±0.25mm
Radiation Angle/辐射角度
60°
30°
1.0
90°
0.5
0°
1.0
0.5
Ta=25° C
IF=20mA
0°
30°
0
90°
60°


Similar Part No. - 515PWC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
515PWO4C HB-515PWO4C Datasheet
171Kb / 4P
5MM LED
More results

Similar Description - 515PWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com