Electronic Components Datasheet Search
  English  ▼

X  

MBR2070CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR2070CT
Description  SWITCHMODE??Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR2070CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBR2070CT Datasheet HTML 1Page - Motorola, Inc MBR2070CT Datasheet HTML 2Page - Motorola, Inc MBR2070CT Datasheet HTML 3Page - Motorola, Inc MBR2070CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR2060CT MBR2070CT MBR2080CT MBR2090CT MBR20100CT
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS PER DIODE LEG
Rating
Symbol
MBR
Unit
Rating
Symbol
2060CT
2070CT
2080CT
2090CT
20100CT
Unit
Maximum Instantaneous Forward Voltage (1)
(iF = 10 Amps, TC = 125°C)
(iF = 10 Amps, TC = 25°C)
(iF = 20 Amps, TC = 125°C)
(iF = 20 Amps, TC = 25°C)
vF
0.75
0.85
0.85
0.95
Volts
Maximum Instantaneous Reverse Current (1)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
6.0
0.1
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com