Electronic Components Datasheet Search
  English  ▼

X  

EUP7913 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # EUP7913
Description  300mA Low-Noise LDO Without Bypass Capacitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7913 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  EUP7913 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7913 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7913 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7913 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7913 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7913 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7913 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7913 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7913 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EUP7913/A
DS7913/A Ver1.1 Dec. 2008
3
Pin Configurations
Package
Type
Pin
Configurations
Package
Type
Pin
Configurations
SOT23-3
(Top View)
SOT23-5
(Top View)
Pin Description
NAME
EUP7913
(SOT23-3)
EUP7913A
(SOT23-5)
DESCRIPTION
EN
-
3
Active chip for logic high. When EN turns logic low, the devices goes
shutdown.
GND
1
2
Ground pin
OUT
2
5
Output voltage of the LDO
IN
3
1
Input voltage of the LDO
NC
-
4
No connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com