Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT90USB646
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT90USB646_09 Datasheet HTML 21Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 22Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 23Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 24Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 25Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 26Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 27Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 28Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25
7593KS–AVR–11/09
AT90USB64/128
7.
Errata
8.
AT90USB1287/6 Errata.
8.1
AT90USB1287/6 Errata History
Note ‘*’ means a blank or any alphanumeric string
8.2
AT90USB1287/6 First Release
• Incorrect CPU behavior for VBUSTI and IDTI interrupts routines
• USB Eye Diagram violation in low-speed mode
• Transient perturbation in USB suspend mode generates over consumption
• VBUS Session valid threshold voltage
• USB signal rate
• VBUS residual level
• Spike on TWI pins when TWI is enabled
• High current consumption in sleep mode
• Async timer interrupt wake up from sleep generate multiple interrupts
9.
Incorrect CPU behavior for VBUSTI and IDTI interrupts routines
The CPU core may incorrectly execute the interrupt vector related to the VBUSTI and IDTI
interrupt flags.
Problem fix/workaround
Do not enable these interrupts, firmware must process these USB events by polling VBUSTI
and IDTI flags.
8.
USB Eye Diagram violation in low-speed mode
The low to high transition of D- violates the USB eye diagram specification when transmitting
with low-speed signaling.
Problem fix/workaround
None.
7.
Transient perturbation in USB suspend mode generates overconsumption
In device mode and when the USB is suspended, transient perturbation received on the
USB lines generates a wake up state. However the idle state following the perturbation does
Silicon
Release
90USB1286-16MU
90USB1287-16AU
90USB1287-16MU
First Release
Date Code up to 0648
Date Code up to 0714
and lots 0735 6H2726*
Date Code up to 0701
Second Release
Date Code from 0709 to 0801
except lots 0801 7H5103*
from Date Code 0722 to 0806
except lots 0735 6H2726*
Date Code from 0714 to 0810
except lots 0748 7H5103*
Third Release
Lots 0801 7H5103* and
Date Code from 0814
Date Code from 0814
Lots 0748 7H5103* and
Date Code from 0814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com