Electronic Components Datasheet Search
  English  ▼

X  

AT90USB647 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT90USB647
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 7Page - ATMEL Corporation AT90USB647 Datasheet HTML 8Page - ATMEL Corporation AT90USB647 Datasheet HTML 9Page - ATMEL Corporation AT90USB647 Datasheet HTML 10Page - ATMEL Corporation AT90USB647 Datasheet HTML 11Page - ATMEL Corporation AT90USB647 Datasheet HTML 12Page - ATMEL Corporation AT90USB647 Datasheet HTML 13Page - ATMEL Corporation AT90USB647 Datasheet HTML 14Page - ATMEL Corporation AT90USB647 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
7593KS–AVR–11/09
AT90USB64/128
(0xBE)
Reserved
-
-
-
-
-
-
-
-
(0xBD)
TWAMR
TWAM6
TWAM5
TWAM4
TWAM3
TWAM2
TWAM1
TWAM0
-
(0xBC)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
-TWIE
(0xBB)
TWDR
2-wire Serial Interface Data Register
(0xBA)
TWAR
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
TWGCE
(0xB9)
TWSR
TWS7
TWS6
TWS5
TWS4
TWS3
-
TWPS1
TWPS0
(0xB8)
TWBR
2-wire Serial Interface Bit Rate Register
(0xB7)
Reserved
-
-
-
-
-
-
-
-
(0xB6)
ASSR
-
EXCLK
AS2
TCN2UB
OCR2AUB
OCR2BUB
TCR2AUB
TCR2BUB
(0xB5)
Reserved
-
-
-
-
-
-
-
-
(0xB4)
OCR2B
Timer/Counter2 Output Compare Register B
(0xB3)
OCR2A
Timer/Counter2 Output Compare Register A
(0xB2)
TCNT2
Timer/Counter2 (8 Bit)
(0xB1)
TCCR2B
FOC2A
FOC2B
-
-
WGM22
CS22
CS21
CS20
(0xB0)
TCCR2A
COM2A1
COM2A0
COM2B1
COM2B0
-
-WGM21
WGM20
(0xAF)
UPDATX
PDAT7:0
(0xAE)
UPIENX
FLERRE
NAKEDE
-
PERRE
TXSTPE
TXOUTE
RXSTALLE
RXINE
(0xAD)
UPCFG2X
INTFRQ7:0
(0xAC)
UPSTAX
CFGOK
OVERFI
UNDERFI
DTSEQ1:0
NBUSYBK1:0
(0xAB)
UPCFG1X
PSIZE2:0
PBK1:0
ALLOC
(0xAA)
UPCFG0X
PTYPE1:0
PTOKEN1:0
PEPNUM3:0
(0xA9)
UPCONX
PFREEZE
INMODE
RSTDT
PEN
(0xA8)
UPRST
PRST6:0
(0xA7)
UPNUM
PNUM2:0
(0xA6)
UPINTX
FIFOCON
NAKEDI
RWAL
PERRI
TXSTPI
TXOUTI
RXSTALLI
RXINI
(0xA5)
UPINRQX
INRQ7:0
(0xA4)
UHFLEN
FLEN7:0
(0xA3)
UHFNUMH
FNUM10:8
(0xA2)
UHFNUML
FNUM7:0
(0xA1)
UHADDR
HADD6:0
(0xA0)
UHIEN
HWUPE
HSOFE
RXRSME
RSMEDE
RSTE
DDISCE
DCONNE
(0x9F)
UHINT
HWUPI
HSOFI
RXRSMI
RSMEDI
RSTI
DDISCI
DCONNI
(0x9E)
UHCON
RESUME
RESET
SOFEN
(0x9D)
OCR3CH
Timer/Counter3 - Output Compare Register C High Byte
(0x9C)
OCR3CL
Timer/Counter3 - Output Compare Register C Low Byte
(0x9B)
OCR3BH
Timer/Counter3 - Output Compare Register B High Byte
(0x9A)
OCR3BL
Timer/Counter3 - Output Compare Register B Low Byte
(0x99)
OCR3AH
Timer/Counter3 - Output Compare Register A High Byte
(0x98)
OCR3AL
Timer/Counter3 - Output Compare Register A Low Byte
(0x97)
ICR3H
Timer/Counter3 - Input Capture Register High Byte
(0x96)
ICR3L
Timer/Counter3 - Input Capture Register Low Byte
(0x95)
TCNT3H
Timer/Counter3 - Counter Register High Byte
(0x94)
TCNT3L
Timer/Counter3 - Counter Register Low Byte
(0x93)
Reserved
-
-
-
-
-
-
-
-
(0x92)
TCCR3C
FOC3A
FOC3B
FOC3C
-
-
-
-
-
(0x91)
TCCR3B
ICNC3
ICES3
-
WGM33
WGM32
CS32
CS31
CS30
(0x90)
TCCR3A
COM3A1
COM3A0
COM3B1
COM3B0
COM3C1
COM3C0
WGM31
WGM30
(0x8F)
Reserved
-
-
-
-
-
-
-
-
(0x8E)
Reserved
-
-
-
-
-
-
-
-
(0x8D)
OCR1CH
Timer/Counter1 - Output Compare Register C High Byte
(0x8C)
OCR1CL
Timer/Counter1 - Output Compare Register C Low Byte
(0x8B)
OCR1BH
Timer/Counter1 - Output Compare Register B High Byte
(0x8A)
OCR1BL
Timer/Counter1 - Output Compare Register B Low Byte
(0x89)
OCR1AH
Timer/Counter1 - Output Compare Register A High Byte
(0x88)
OCR1AL
Timer/Counter1 - Output Compare Register A Low Byte
(0x87)
ICR1H
Timer/Counter1 - Input Capture Register High Byte
(0x86)
ICR1L
Timer/Counter1 - Input Capture Register Low Byte
(0x85)
TCNT1H
Timer/Counter1 - Counter Register High Byte
(0x84)
TCNT1L
Timer/Counter1 - Counter Register Low Byte
(0x83)
Reserved
-
-
-
-
-
-
-
-
(0x82)
TCCR1C
FOC1A
FOC1B
FOC1C
-
-
-
-
-
(0x81)
TCCR1B
ICNC1
ICES1
-
WGM13
WGM12
CS12
CS11
CS10
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
COM1C1
COM1C0
WGM11
WGM10
(0x7F)
DIDR1
-
-
-
-
-
-AIN1D
AIN0D
(0x7E)
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
(0x7D)
-
-
-
-
-
-
-
-
-
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com