Electronic Components Datasheet Search
  English  ▼

X  

ATmega644P Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATmega644P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644P Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATmega644P Datasheet HTML 19Page - ATMEL Corporation ATmega644P Datasheet HTML 20Page - ATMEL Corporation ATmega644P Datasheet HTML 21Page - ATMEL Corporation ATmega644P Datasheet HTML 22Page - ATMEL Corporation ATmega644P Datasheet HTML 23Page - ATMEL Corporation ATmega644P Datasheet HTML 24Page - ATMEL Corporation ATmega644P Datasheet HTML 25Page - ATMEL Corporation ATmega644P Datasheet HTML 26Page - ATMEL Corporation ATmega644P Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
8011MS–AVR–08/09
ATmega164P/324P/644P
9.
Datasheet Revision History
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section are referring to the document revision.
9.1
Rev. 8011M- 08/09
9.2
Rev. 8011L- 02/09
9.3
Rev. 8011K- 09/08
1.
Updated ”Features” on page 1.
2.
Removed VFBGA - pinout from ”Pin Configurations” on page 2.
3.
Updated ”System Control and Reset” on page 50.
4.
Updated Input Hysteresis Unit (V) in the “Typical Characteristics”.
5.
Updated ”Ordering Information” on page 420. Removed 44MC and 49C2 packages.
6.
Updated ”Packaging Information” on page 423.
1.
Updated ”Features” on page 1 by inserting a table note 1.
2.
Merged Sections 3.1, 3.2 and 3.3 in one section ”About” on page 9.
3.
Updated the front page by removing “Preliminary”.
4.
Updated the ”DC Characteristics” on page 326 by removing V
IL3/VIH3 and VOL3/VOH3 and
the table note 5.
5.
Updated the table note1 of the Table 25-6 on page 332.
6.
Updated ”Typical Characteristics” on page 339.
6.
Updated ”Typical Characteristics” on page 339
1.
Updated ”Features” on page 1, ”Pin Configurations” on page 2 and ”Ordering Informa-
tion” on page 15 according to the updated 44M1 package drawing.
2.
Updated V
OL in the table of ”DC Characteristics” on page 326.
3.
Updated t
RST and tBOD unites in the table of ”System and Reset Characteristics” on
page 332.
4.
Updated typical values for ATmega324P and ATmega644P in the tables of ”DC Char-
acteristics” on page 326.
5.
Replaced the package drawing ”44M1” on page 426 by a rev H update.
2.
Added 49-ball VFBGA pinout for ATmega164P/324P in ”Pinout - VFBGA” on page 4.
6.
Added 49-ball VFBGA (49C2) to ”Packaging Information” on page 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com