Electronic Components Datasheet Search
  English  ▼

X  

HDA430 Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDA430
Description  Dimensional Drawing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDA430 Datasheet(HTML) 1 Page - Hantronix,Inc

  HDA430 Datasheet HTML 1Page - Hantronix,Inc HDA430 Datasheet HTML 2Page - Hantronix,Inc HDA430 Datasheet HTML 3Page - Hantronix,Inc HDA430 Datasheet HTML 4Page - Hantronix,Inc HDA430 Datasheet HTML 5Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPL Y VOLTAGE
V
0
6.0
V
DD
INPUT VOLTAGE
VIN
-0.3
VDD +0.3
V
OPERA TING TEMPERATURE
TOP
-30
80
STORAGE TEMPERA TURE
TSTG
Physical Data
Module Size.......................................105.5W x67.2H x 3.0T mm
Viewing Area Size.....................................95.04W x 53.85H mm
Dot Pitch...................................................0.198W x 0.198H mm
Weight...................................................................................53g
Pin Connections
PIN NO.
SYMBOL
FUNCTION
Dimensional Drawing
4.3”, 480x272
TFT, Transmissive Color, Landscape, White LED Backlight
,
VDD
VGND
+
2.5V
Power Supply
HDA430 / 430-H (High Brightness)
Absolute Maximum Ratings
Features
Viewing Angle(H/V).........................................130/110 degrees
High Contrast......................................................................450
Fast Response Time.....................................................50 msec
Built-in DC-DC Converter
Built-in Controller...............................................................none
Features
BACKLIGHT CURRENT (LED )
I
-
25
mA
LED
1-2
GND
I
Ground
3-4
VDD
I
+2.5V Power Supply
5
R0
H/L
Red Data Bit 0
13
G0
H/L
Green Data Bit 0l
°C
-20
70
°C
TFT
Electrical Characteristics (VDD=2.5±0.125V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
OPERA TING VOLTAGE
V
DD
-
2.3
2.5
3.6
V
INPUT HIGH VOLTAGE
V
-
0.7V
-
V
IH
DD
V
INPUT LOW VOLTAGE
V
-
0
-
0.3V
V
IL
POWER CONSUMPTION
P
D
HDA430/430-H
-
645/755
-
mW
cd/m 2
OPERA TING CURRENT
I
-
-
3.2
6
mA
DD
29
GND
I
Graund
30
PCLK
H/L
Data Clock
31
DISP
H/L
Display ON/OFF (H/L)
32
HSYNC
H
Horizontal Sync
33
VSYNC
H
Vertical Sync
34
NC
-
No Connection
35-36
AVDD
I
+5V Power Supply
37
NC
-
No Connection
LED
30.5V
A
K
6
R1
H/L
Red Data Bit 1
7
R2
H/L
Red Data Bit 2
8
R3
H/L
Red Data Bit 3
9
R4
H/L
Red Data Bit 4
10
R5
H/L
Red Data Bit 5
11
R6
H/L
Red Data Bit 6
12
R7
H/L
Red Data Bit 7
14
G1
H/L
Green Data Bit 1l
15
G2
H/L
Green Data Bit 2l
16
G3
H/L
Green Data Bit 3l
17
G4
H/L
Green Data Bit 4l
18
G5
H/L
Green Data Bit 5l
19
G6
H/L
Green Data Bit 6l
20
G7
H/L
Green Data Bit 7l
21
B0
H/L
Blue Data Bit 0l
22
B1
H/L
Blue Data Bit 1l
23
B2
H/L
Blue Data Bit 2l
24
B3
H/L
Blue Data Bit 3l
25
B4
H/L
Blue Data Bit 4l
26
B5
H/L
Blue Data Bit 5l
27
B6
H/L
Blue Data Bit 6l
28
B7
H/L
Blue Data Bit 7l
+
5V
AV
DD
OPERA TING VOLTAGE
V
4.8
5.0
5.2
V
-
SUPPL Y VOLTAGE
AV
0
6.0
V
DD
-
-
17.4
27
mA
OPERA TING CURRENT
AI
DD
Touch screen ................................................................optional
SEE NEXT PAGES FOR MORE DETAILS
SEE NEXT PAGES FOR MORE DETAILS
NOTE:
FLED
AVDD
38
NC
-
No Connection
39
NC
-
No Connection
40
NC
-
No Connection
High Brightness (HDA430-H)......................................650 cd/m
BRIGHTNESS
L
HDA430/430-H 320/500 370/650
-
DD
OPERATING CURRENT
I
HDA430/430-H
-
18/20
-
mA
LED OPERATING VOLTAGE
V
HDA430/430-H
-
30.5/33
-
V
(33V)
DD
RECOMMENDED CONNECTOR : MOLEX 0541324062
RBACKLIGHT , TOUCH SCREEN : MOLEX 0472180417


Similar Part No. - HDA430

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA430-2 HANTRONIX-HDA430-2 Datasheet
189Kb / 5P
Dimensional Drawing
HDA430-3 HANTRONIX-HDA430-3 Datasheet
183Kb / 5P
Dimensional Drawing
HDA430-3G1H HANTRONIX-HDA430-3G1H Datasheet
1Mb / 18P
4.3, 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430-3GH-1 HANTRONIX-HDA430-3GH-1 Datasheet
1Mb / 17P
4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430-3H HANTRONIX-HDA430-3H_15 Datasheet
239Kb / 3P
4.3 480x272 TFT Transmissive Color Landscape White LED Backlight
More results

Similar Description - HDA430

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA240A HANTRONIX-HDA240A Datasheet
82Kb / 1P
Dimensional Drawing
HDA570S-H HANTRONIX-HDA570S-H Datasheet
164Kb / 3P
Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
Dimensional Drawing
HDR12864-5 HANTRONIX-HDR12864-5 Datasheet
60Kb / 1P
Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
Dimensional Drawing
HDR128128-YW HANTRONIX-HDR128128-YW Datasheet
195Kb / 1P
Dimensional Drawing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com