Electronic Components Datasheet Search
  English  ▼

X  

530PR2C Datasheet(PDF) 6 Page - HB Electronic Components

Part # 530PR2C
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

530PR2C Datasheet(HTML) 6 Page - HB Electronic Components

  530PR2C Datasheet HTML 1Page - HB Electronic Components 530PR2C Datasheet HTML 2Page - HB Electronic Components 530PR2C Datasheet HTML 3Page - HB Electronic Components 530PR2C Datasheet HTML 4Page - HB Electronic Components 530PR2C Datasheet HTML 5Page - HB Electronic Components 530PR2C Datasheet HTML 6Page - HB Electronic Components 530PR2C Datasheet HTML 7Page - HB Electronic Components 530PR2C Datasheet HTML 8Page - HB Electronic Components 530PR2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3) Similarly, when a jig is used to solder the LED to PC board, take care as much as possible to
avoid steering the leads (See Fig.3).
4) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the LED.
5) Lead cutting after soldering should be performed only after the LED temperature has returned to
normal temperature.
yLED MOUNTING METHOD
1) When mounting the LED by using a case, as shown Fig.4, ensure that the mounting holds on
the PC board match the pitch of the leads correctly-tolerance of dimensions of the respective
components including the LED should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the leads and board holes, the
diameter of the board holes should be slightly larger than the size of the lead. Alternatively, the
shape of the holes should be made oval. (See Fig.4)
Page : 6
3& ERDUG
LJ
)
MLJ
Fig.4
case
pc board
LED
LAMP APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com