Electronic Components Datasheet Search
  English  ▼

X  

550PWC Datasheet(PDF) 1 Page - HB Electronic Components

Part # 550PWC
Description  5MM LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

550PWC Datasheet(HTML) 1 Page - HB Electronic Components

  550PWC Datasheet HTML 1Page - HB Electronic Components 550PWC Datasheet HTML 2Page - HB Electronic Components 550PWC Datasheet HTML 3Page - HB Electronic Components 550PWC Datasheet HTML 4Page - HB Electronic Components 550PWC Datasheet HTML 5Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
1/5
5MM LED SPECIFICATION
Part No./型号: 550PWC
Features/特征:
Single color/特征
High bright output/高亮度输出
Low power consumption/低功耗
High reliability and long life/可靠性高、寿命长
Low brightness declines/低光衰
Descriptions/描述:
Dice material/芯片材质:InGaN
Emitting Color/发光颜色:
Super Bright White/高亮度白色
Device Outline/产品外形:
φ5mm Round Type/5mm 圆形
Lens Type/胶体颜色:Water Clear/无色透明
Directivity/指向特性:
NOTE/注意:
All dimensions are millimeters/单位:mm
Tolerance is +/-0.25mmunless otherwise
noted/没有标注的公差为±0.25mm
60°
90°
30°
0°
Ta=25°C
IF=20mA
0°
60°
30°
0.5
1.0
1.0
0.5
0
90°
Radiation Angle/辐射角度


Similar Part No. - 550PWC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
550PWO4C HB-550PWO4C Datasheet
171Kb / 4P
5MM LED
More results

Similar Description - 550PWC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
515PWO4C HB-515PWO4C Datasheet
171Kb / 4P
5MM LED
520PWC HB-520PWC Datasheet
116Kb / 5P
5MM LED
530PWO4C HB-530PWO4C Datasheet
170Kb / 4P
5MM LED
540PWC HB-540PWC Datasheet
116Kb / 5P
5MM LED
550PWO4C HB-550PWO4C Datasheet
171Kb / 4P
5MM LED
551PWC HB-551PWC Datasheet
113Kb / 5P
5MM LED
560PWC HB-560PWC Datasheet
115Kb / 5P
5MM LED
560PWD HB-560PWD Datasheet
115Kb / 5P
5MM LED
599PWC HB-599PWC Datasheet
114Kb / 5P
5MM LED
599PWO4C HB-599PWO4C Datasheet
170Kb / 4P
5MM LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com