Electronic Components Datasheet Search
  English  ▼

X  

560PWC Datasheet(PDF) 5 Page - HB Electronic Components

Part # 560PWC
Description  5MM LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560PWC Datasheet(HTML) 5 Page - HB Electronic Components

  560PWC Datasheet HTML 1Page - HB Electronic Components 560PWC Datasheet HTML 2Page - HB Electronic Components 560PWC Datasheet HTML 3Page - HB Electronic Components 560PWC Datasheet HTML 4Page - HB Electronic Components 560PWC Datasheet HTML 5Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
5/5
5MM LED SPECIFICATION
Part No./型号: 560PWC
Life Test curves /寿命测试曲线
0.00%
20.00%
40.00%
60.00%
80.00%
100.00%
120.00%
0h
500h
1000h 1500h 2000h 2500h
系列 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com