Electronic Components Datasheet Search
  English  ▼

X  

MIC2250 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2250
Description  High Efficiency Low EMI Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2250 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2250 Datasheet HTML 1Page - Micrel Semiconductor MIC2250 Datasheet HTML 2Page - Micrel Semiconductor MIC2250 Datasheet HTML 3Page - Micrel Semiconductor MIC2250 Datasheet HTML 4Page - Micrel Semiconductor MIC2250 Datasheet HTML 5Page - Micrel Semiconductor MIC2250 Datasheet HTML 6Page - Micrel Semiconductor MIC2250 Datasheet HTML 7Page - Micrel Semiconductor MIC2250 Datasheet HTML 8Page - Micrel Semiconductor MIC2250 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC2250
November 2008
3
M9999-111708-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).........................................................6V
Switch Voltage (VSW)....................................... –0.3V to 34V
Enable Voltage (VEN)......................................... –0.3V to VIN
FB Voltage (VFB)...............................................................6V
Switch Current (ISW) ......................................................3.5A
Ambient Storage Temperature (Ts) ..........–65°C to +150°C
ESD Rating
(4)................................................. ESD Sensitive
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.5V to 5.5V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ)
(3) .....................–40°C to +125°C
Junction Thermal Resistance
2mm x 2mm MLF-8 (
θJA) ...................................90°C/W
Electrical Characteristics
(5)
VIN = VEN = 3.6V; VDITH = 0V; VOUT = 15V; IOUT = 40mA; TA = 25°C, unless otherwise noted. Bold values indicate
–40°C ≤ TJ ≤ +125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage Range
2.5
5.5
V
VULVO
Under-voltage Lockout
VIN rising
1.8
2
2.4
V
IQ
Quiescent Current
VFB = 1.5V (not switching)
52
80
µA
ISD
Shutdown Current
VEN = 0V, Note 6
0.1
1
µA
1.20
1.24
1.277
V
VFB
Feedback Voltage
–40°C ≤ TJ ≤ +125°C
1.19
1.29
V
IFB
Feedback Input Current
VFB = 1.24V
10
nA
PFM Operation
Tss
Soft Start time
1
ms
tSW
Switch Off-time
VIN = 3.6V
1.6
µs
DMAX
Maximum Duty Cycle
75
87
%
tDITH
Off-time Dithering
VDITH = 3.6V. Percentage from nominal.
±20
%
Line Regulation
3V ≤ VIN ≤ 5V
0.3
2
%
Load Regulation
1mA ≤ IOUT ≤ 40mA
0.1
2
%
ISW
Switch Current Limit
Note 7
0.9
2
A
RON
Switch ON-resistance
ISW = 200mA
0.5
1
Ω
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
5
µA
Turn ON
1.5
V
VEN,
VDITH
Logic Input Thresholds
Turn OFF
0.4
V
IEN
Enable Pin Current
VEN = VIN = 5.0V
0.1
2
µA
170
°C
T
Thermal Shutdown Threshold
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(Max), the junction-to-ambient thermal resistance, θ JA,
and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into
thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.
6. ISD = IVIN.
7. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com