Electronic Components Datasheet Search
  English  ▼

X  

MIC2250YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2250YML
Description  High Efficiency Low EMI Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2250YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2250YML Datasheet HTML 1Page - Micrel Semiconductor MIC2250YML Datasheet HTML 2Page - Micrel Semiconductor MIC2250YML Datasheet HTML 3Page - Micrel Semiconductor MIC2250YML Datasheet HTML 4Page - Micrel Semiconductor MIC2250YML Datasheet HTML 5Page - Micrel Semiconductor MIC2250YML Datasheet HTML 6Page - Micrel Semiconductor MIC2250YML Datasheet HTML 7Page - Micrel Semiconductor MIC2250YML Datasheet HTML 8Page - Micrel Semiconductor MIC2250YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC2250
November 2008
2
M9999-111708-A
Ordering Information
Part Number
Marking
(1)
Junction Temp. Range
Package
(3)
Lead Finish
MIC2250YML
ZAA
(2)
–40° to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
Note:
1.
Pin 1 identifier = “
•”.
2.
Overbar (
) may not be to scale.
3.
MLF is GREEN RoHs compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
8-Pin 2mm x 2mm MLF
® (ML)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
FB
Feedback (Input): 1.24V output voltage sense node. VOUT = 1.24V (1 + R1/R2)
2
AGND
Analog Ground. Connect to power ground.
3
PGND
Power Ground.
4
SW
Switch Node (Input): Internal power NMOS drain.
5
NC
Not Internally Connected.
6
VIN
Supply (Input): 2.5V to 5.5V input voltage.
7
DITH
Frequency Dithering (Input): Connect this pin high to enable pseudo-random on-
time dithering to reduce EMI. Connect this pin-to-ground to disable this function.
8
EN
Enable (Input): Logic high enables the regulator. Logic low shuts down the
regulator. Do not leave floating.
EPAD
GND
Ground (Return): Exposed backside pad. Connect to power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com