Electronic Components Datasheet Search
  English  ▼

X  

MIC22700YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC22700YML
Description  1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22700YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC22700YML Datasheet HTML 1Page - Micrel Semiconductor MIC22700YML Datasheet HTML 2Page - Micrel Semiconductor MIC22700YML Datasheet HTML 3Page - Micrel Semiconductor MIC22700YML Datasheet HTML 4Page - Micrel Semiconductor MIC22700YML Datasheet HTML 5Page - Micrel Semiconductor MIC22700YML Datasheet HTML 6Page - Micrel Semiconductor MIC22700YML Datasheet HTML 7Page - Micrel Semiconductor MIC22700YML Datasheet HTML 8Page - Micrel Semiconductor MIC22700YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MIC22700
1MHz, 7A Integrated Switch High
Efficiency Synchronous Buck Regulator
Ramp Control is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2009
M9999-072209-B
General Description
The Micrel MIC22700 is a high efficiency 7A Integrated
switch synchronous buck (step-down) regulator. The
MIC22700 is optimized for highest efficiency, achieving
more than 95% efficiency while still switching at 1MHz
over a broad range. The device works with a small 1µH
inductor and 100µF output capacitor. The ultra-high speed
control loop keeps the output voltage within regulation
even under extreme transient load swings commonly
found in FPGAs and low voltage ASICs. The output
voltage can be adjusted down to 0.7V to address all low
voltage power needs. The MIC22700 offers a full range of
sequencing and tracking options. The Enable/Delay pin
combined with the Power Good/POR pin allows multiple
outputs to be sequenced in any way during turn-on and
turn-off. The RC (Ramp Control™) pin allows the device to
be connected to another product in the MIC22xxx and/or
MIC68xxx family, to keep the output voltages within a
certain ∆V on start up.
The MIC22700 is available in a 24-pin 4mm x 4mm MLF
®
with a junction operating range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.6V to 5.5V
• Output voltage adjustable down to 0.7V
• Output load current up to 7A
• Full sequencing and tracking capability
• Power on Reset/Power Good output
• Efficiency > 95% across a broad load range
• Ultra fast transient response
–
Easy RC compensation
• 100% maximum duty cycle
• Fully integrated MOSFET switches
• Micropower shutdown
• Thermal shutdown and current limit protection
• 24-pin 4mm x 4mm MLF®
• –40°C to +125°C junction temperature range
Applications
• High power density point of load conversion
• Servers and routers
• DVD recorders / Blu-Ray players
• Computing peripherals
• Base stations
• FPGAs, DSP and low voltage ASIC power
Typical Application
MIC22700 7A 1MHz Synchronous Output Converter
50
55
60
65
70
75
80
85
90
95
100
0
1234567
LOAD CURRENT (A)
Efficiency @ 3.3VOUT
VIN = 5.5V
Sequencing & Tracking


Similar Part No. - MIC22700YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22700YML MICREL-MIC22700YML Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results

Similar Description - MIC22700YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
4A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com