Electronic Components Datasheet Search
  English  ▼

X  

SII5923 Datasheet(PDF) 2 Page - Silicon image

Part # SII5923
Description  Third Generation SATA-to-Dual eSATA Storage Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII5923 Datasheet(HTML) 2 Page - Silicon image

  SII5923 Datasheet HTML 1Page - Silicon image SII5923 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAID 1
Read Racing
Hard drives spinning at 7200
RPM require 8.3 milli-seconds
for one rotation. The two drives
in a RAID 1 pair are not syn-
chronized and are at random
locations in relation to the data
requested. The worst case is
when a complete rotation is
needed to reach the data,
causing a full 8.3 ms delay. To
minimize this delay, SiI5923
directs reads to a specific
port to minimize proximity
from the address read last.
The result is to reduce the
average time for RAID 1
reads.
SiI5923 Features
Serial ATA Host Interface Features
• SATA 2.6 spec. and UTD 1.3 test compliant
• Serial ATA Gen2m compliance
• eSATA and 2-meter cable support
• 3 Gbps (auto-negotiates to 1.5 Gbps)
• Compatible with PM aware and non-PM
aware hosts
• Allows multiple drives to be accessed by non-
PM aware hosts
• Pass-through mode for vendor specific and
SMART commands
Device Interface Features
• SATA 2.6 spec. and UTD 1.3 test compliant
• Serial ATA Gen2m compliance
• eSATA and 2-meter cable support
• 3 Gbps (auto-negotiates to 1.5 Gbps)
• Independent 8 KB FIFO / Port
• Power management capabilities
• Supports hot plug
• Supports ATAPI in JBOD mode & asynchro-
nous notification
Electrical Specifications
• 3.3V IO supply, 1.8V core supply
• < 1 watt (typical)
Environmental
• Operating temperature: 0ºC to 70ºC
• Operating relative humidity: 5% to 80%
• Non-operating relative humidity: 5% to 95%
Physical Specifications
• 40-pin QFN w/Epad (0.5mm pitch)
• 6mm x 6mm
Additional SteelVine features
• No driver, BIOS or software required
• User API interface through SMBus, and H/W
error log
• No drive reformatting on RAID change from
JBOD to SAFE
• Optional SteelVine Manager GUI
• Mandatory SMART commands supported to
relay RAID state
• Integrated Power on Reset Circuit
• 100% host offload engine
• SAFE later (RAID 1 one drive, and hot
upgrade)
© 2009 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SteelVine, the SteelVine logo, SiI and SiI5923 are trademarks or registered trademarks of Silicon Image, Inc. in the United States
and other countries. Other trademarks are property of their respective holders. Product specifications are subject to change without notice.
Part Number: SiI5923
SiI-PB-1054 rev5 9/09
Silicon Image, Inc.
1060 E. Arques Avenue
Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
SiI5923 Block Diagram
Config/
LED Controller
SATA Link
and PHY
SMBus
SATA
Device Port
SATA
Device Port
SATA Layers and FIFOs
Virtualization and RAID
Mapping and Error Handling
ATA Emulation
Host FIFO
SteelVine® Series 3 Core
Storage Processor
SLOWER
FASTER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com