Electronic Components Datasheet Search
  English  ▼

X  

IDTAS3699ANDG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTAS3699ANDG
Description  0.5廓 LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTAS3699ANDG Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTAS3699ANDG Datasheet HTML 1Page - Integrated Device Technology IDTAS3699ANDG Datasheet HTML 2Page - Integrated Device Technology IDTAS3699ANDG Datasheet HTML 3Page - Integrated Device Technology IDTAS3699ANDG Datasheet HTML 4Page - Integrated Device Technology IDTAS3699ANDG Datasheet HTML 5Page - Integrated Device Technology IDTAS3699ANDG Datasheet HTML 6Page - Integrated Device Technology IDTAS3699ANDG Datasheet HTML 7Page - Integrated Device Technology IDTAS3699ANDG Datasheet HTML 8Page - Integrated Device Technology IDTAS3699ANDG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IDTAS3699A
0.5
Ω LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
ANALOG SWITCH
IDT™ 0.5
Ω LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
3
IDTAS3699A REV A 121707
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDTAS3699A. These ratings, which
are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range. All voltages referenced to
ground.
Note 1: Derate above 70°C: by 18.5 mW/°C
Recommended Operating Conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to 4.6
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VIC
DC Control Input Voltage
-0.5 to 4.6
mA
VO
DC Output Voltage
-0.5 to VCC +0.5
IIKC
DC Input Diode Current on control pin (VIN < 0V)
-50
mA
IIK
DC Input Diode Current (VIN < 0V)
±50
mA
IOK
DC Output Diode Current
±20
mA
IO
DC Output Current
±300
mA
IOP
DC Output Current Peak (pulse at 1 ms, 10% duty cycle)
±500
mA
ICC or IGND
DC VCC or Ground Current
±100
mA
PD
Power Dissipation at TA = 70°C (Note 1)
1120
mW
TSTG
Storage temperature range
-65 to 150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
1.65 to 4.3
V
VI
Input Voltage
0 to VCC
V
VIC
Control Input Voltage
0 to 4.3
V
VO
Output Voltage
0 to VCC
V
TOP
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time Control Input
VCC = 1.65 V to 2.7 V
0 to 20
ns/V
VCC = 3 V to 4.3 V
0 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com