Electronic Components Datasheet Search
  English  ▼

X  

SII9334 Datasheet(PDF) 2 Page - Silicon image

Part # SII9334
Description  HDMI 1.4 Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9334 Datasheet(HTML) 2 Page - Silicon image

  SII9334 Datasheet HTML 1Page - Silicon image SII9334 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiI9334 Starter Kit
(CP9334HDMI)
Contents include:
Hardware
• CP9334 source board
• HDMI cable with HEAC sup-
port
Software
• Simon transmitter
software tool
Documentation
• User's guide
• Schematics
• Bill of materials (BOM)
SiI9334 Features
Industry-Standard Compliance
• HDMI 1.4
• DVI 1.0
• EIA/CEA-861D
• HDCP 1.2
HDMI Features
• 3D over HDMI
Frame Packing Structure
1080p @ 24 Hz
1080i @ 50/60 Hz
720p @ 50/60 Hz
• Bi-directional HDMI Ethernet Channel
• Audio Return Channel
• Content Type bits transmission
• Integrated Consumer Electronics Control
• Integrated HDMI TMDS core running at
225MHz
Network Connectivity
• 100Mbps bi-directional data link
Digital Video
• 48-bit color depth at up to 1080p @ 30Hz
• 36-bit color depth at up to 1080p @ 60Hz
• Flexible video interface supports DVD and HD
MPEG decoders:
- 24/30/36/48-bit RGB/YCbCr 4:4:4
- 16/20/24/30/36-bit YCbCr 4:2:2
- 8/10/12-bit YCbCr 4:2:2 (ITU-R BT.601 &
BT.656)
• Integrated YCbCr to RGB conversion
• 4:2:2 to 4:4:4 up-converter
• Programmable Data Enable (DE) generator
• 18-bit internal video processing and 18-bit to
16/12/10/8-bit dither
Digital Audio
• Audio return channel with S/PDIF output
• Supports Dolby® True HD and DTS-HD up
to 24Mb/s through 4xI2S inputs
• DVD-Audio support through four I2S inputs
• 8-pin interface to Direct Stream Digital (DSD)
Super Audio CD (SACD)
• Supports 2-channel audio at 192kHz and
8-channel audio at 192kHz
• Supports IEC60958 2-channel PCM or
IEC61937 compressed audio
System Operation
• Register-programmable via I2C interface
Content Protection
• Integrated HDCP cipher engine
• Built-in HDCP BIST
• Pre-programmed HDCP keys
Power Management
• <1.0W power consumption
Package
• 100-pin TQFP
© 2009 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI9334, SiI9389, TMDS, and LiquidHD are trademarks or registered trademarks of Silicon Image, Inc. in the United States and
other countries. HDMI, the HDMI logo and High-Definition Multimedia Interface are trademarks or registered trademarks of, and are used under license from, HDMI Licensing, LLC. Other trademarks are prop-
erty of their respective holders. Product specifications are subject to change without notice.
Part Number: SiI9334CTU
SiI-PB-1058 rev4 8/09
Silicon Image, Inc.
1060 E. Arques Avenue
Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
SiI9334 Circuit Diagram
SiI 9334
CSDA
CSCL
VSYNC
HSYNC
IDCK
DE
D[35:0]
S/PDIF
MCLK
WS
SCK
SD[3:0]
DL[3:0]
DR[3:0]
I2C
Slave
Video
Data
Capture
Logic / DE
Generator
INT HPD
DSCL
DSDA
Tx0
Tx1
TX2
TxC
YCbCr to RGB
Color Space
Converter/
4:2:2 to 4:4:4
Converter
Registers
and
Configuration
Logic
HDCP
Encryption
Engine
XOR
Mask
HDCP Keys
EEPROM
E-DDC
Master
Audio
Capture
Logic
HDMI
TMDS
Tx Core
HEAC
Hybrid
Eth. Tx/Rx +/-
S/PDIF out
HEAC+
HEAC-
CI2CA
RESET#
CEC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com