Electronic Components Datasheet Search
  English  ▼

X  

ATF22V10C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF22V10C
Description  High performance EE PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF22V10C Datasheet HTML 1Page - ATMEL Corporation ATF22V10C Datasheet HTML 2Page - ATMEL Corporation ATF22V10C Datasheet HTML 3Page - ATMEL Corporation ATF22V10C Datasheet HTML 4Page - ATMEL Corporation ATF22V10C Datasheet HTML 5Page - ATMEL Corporation ATF22V10C Datasheet HTML 6Page - ATMEL Corporation ATF22V10C Datasheet HTML 7Page - ATMEL Corporation ATF22V10C Datasheet HTML 8Page - ATMEL Corporation ATF22V10C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Features
• Industry-standard Architecture
– Low-cost, Easy-to-use Software Tools
• High-speed, Electrically Erasable Programmable Logic Devices
– 5 ns Maximum Pin-to-pin Delay
• Latch Feature Holds Inputs to Previous Logic States
• Pin-controlled Standby Power (10 µA Typical)
• Advanced Flash Technology
– Reprogrammable
– 100% Tested
• High-reliability CMOS Process
– 20-year Data Retention
– 100 Erase/Write Cycles
– 2,000V ESD Protection
– 200 mA Latch-up Immunity
• Dual Inline and Surface Mount Packages in Standard Pinouts
• PCI-compliant
• Green Package Options (Pb/Halide-free/RoHS Compliant) Available
• Full Military, Commercial and Industrial Temperature Ranges
• Backward-Compatible with ATF22V10B(Q) and AT22V10(L)
1.
Description
The ATF22V10C is a high-performance CMOS (electrically erasable) programmable
logic device (PLD) that utilizes Atmel’s proven electrically erasable Flash memory
technology. Speeds down to 5 ns and power dissipation as low as 100 µA are offered.
All speed ranges are specified over the full 5V ± 10% range for military and industrial
temperature ranges, and 5V ± 5% for commercial temperature ranges.
Several low-power options allow selection of the best solution for various types of
power-limited applications. Each of these options significantly reduces total system
power and enhances system reliability.
High-
performance
EE PLD
ATF22V10C
ATF22V10CQ
See separate datasheet
for the ATF22V10CQZ.
0735T–PLD–5/09


Similar Part No. - ATF22V10C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
273Kb / 18P
Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
408Kb / 22P
Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
1Mb / 22P
High-performance Electrically Erasable Programmable Logic Device
ATF22V10C-10GM/883 ATMEL-ATF22V10C-10GM/883 Datasheet
1Mb / 22P
High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22V10C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
High- Performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
High- Performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
High- Performance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
Highperformance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
Highperformance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
High-performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com