Electronic Components Datasheet Search
  English  ▼

X  

AT28HC64B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT28HC64B
Description  64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT28HC64B Datasheet HTML 9Page - ATMEL Corporation AT28HC64B Datasheet HTML 10Page - ATMEL Corporation AT28HC64B Datasheet HTML 11Page - ATMEL Corporation AT28HC64B Datasheet HTML 12Page - ATMEL Corporation AT28HC64B Datasheet HTML 13Page - ATMEL Corporation AT28HC64B Datasheet HTML 14Page - ATMEL Corporation AT28HC64B Datasheet HTML 15Page - ATMEL Corporation AT28HC64B Datasheet HTML 16Page - ATMEL Corporation AT28HC64B Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
0274L–PEEPR–2/3/09
AT28HC64B
27. Ordering Information
27.1 Green Package Option (Pb/Halide-free)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
40
0.1
AT28HC64B-70TU
28T
Industrial
(-40
°C to 85°C)
AT28HC64B-70JU
32J
AT28HC64B-70SU
28S
90
40
0.1
AT28HC64B-90JU
32J
AT28HC64B-90SU
28S
AT28HC64B-90TU
28T
120
40
0.1
AT28HC64B-12JU
32J
AT28HC64B-12SU
28S
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier (PLCC)
28S
28-lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)
27.2 Die Products
Contact Atmel Sales for die sales options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com