Electronic Components Datasheet Search
  English  ▼

X  

ATmega128 Datasheet(PDF) 318 Page - ATMEL Corporation

Part # ATmega128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 318 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 314Page - ATMEL Corporation ATmega128 Datasheet HTML 315Page - ATMEL Corporation ATmega128 Datasheet HTML 316Page - ATMEL Corporation ATmega128 Datasheet HTML 317Page - ATMEL Corporation ATmega128 Datasheet HTML 318Page - ATMEL Corporation ATmega128 Datasheet HTML 319Page - ATMEL Corporation ATmega128 Datasheet HTML 320Page - ATMEL Corporation ATmega128 Datasheet HTML 321Page - ATMEL Corporation ATmega128 Datasheet HTML 322Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 386 page
background image
318
2467S–AVR–07/09
ATmega128
Electrical Characteristics
Note:
Typical values contained in this data sheet are based on simulations and characterization of other AVR microcontrollers manu-
factured on the same process technology. Min and Max values will be available after the device is characterized.
Absolute Maximum Ratings*
DC Characteristics
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ..................... 200.0 - 400.0mA
T
A = -40°C to 85°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage except
XTAL1 and RESET pins
VCC=2.7 - 5.5.
-0.5
0.2 V
CC
(1)
V
VIH
Input High Voltage except
XTAL1 and RESET pins
VCC=2.7 - 5.5.
0.6 V
CC
(2)
V
CC + 0.5
V
VIL1
Input Low Voltage
XTAL1 pin
VCC=2.7 - 5.5.
-0.5
0.1 V
CC
(1)
V
VIH1
Input High Voltage XTAL1
pin
VCC=2.7 - 5.5.
0.7 VCC
(2)
VCC + 0.5
V
VIL2
Input Low Voltage
RESET pin
VCC=2.7 - 5.5.
-0.5
0.2 V
CC
(1)
V
VIH2
Input High Voltage
RESET pin
VCC=2.7 - 5.5.
0.85 V
CC
(2)
V
CC + 0.5
V
VOL
Output Low Voltage(3)
(Ports A,B,C,D, E, F, G)
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 3V
0.7
0.5
V
V
VOH
Output High Voltage(4)
(Ports A,B,C,D, E, F, G)
IOH = -20 mA, VCC = 5V
IOH = -10 mA, VCC = 3V
4.2
2.2
V
V
IIL
Input Leakage
Current I/O Pin
Vcc =
5.5V, pin low
(absolute value)
1.0
µA
IIH
Input Leakage
Current I/O Pin
Vcc =
5.5V, pin high
(absolute value)
1.0
µA
RRST
Reset Pull-up Resistor
30
60
k
Ω
RPEN
PEN Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com