Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161D Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB161D
Description  16-megabit 2.5-volt or 2.7-volt DataFlash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161D Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB161D Datasheet HTML 1Page - ATMEL Corporation AT45DB161D Datasheet HTML 2Page - ATMEL Corporation AT45DB161D Datasheet HTML 3Page - ATMEL Corporation AT45DB161D Datasheet HTML 4Page - ATMEL Corporation AT45DB161D Datasheet HTML 5Page - ATMEL Corporation AT45DB161D Datasheet HTML 6Page - ATMEL Corporation AT45DB161D Datasheet HTML 7Page - ATMEL Corporation AT45DB161D Datasheet HTML 8Page - ATMEL Corporation AT45DB161D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Features
• Single 2.5V - 3.6V or 2.7V - 3.6V Supply
• RapidS Serial Interface: 66 MHz Maximum Clock Frequency
– SPI Compatible Modes 0 and 3
• User Configurable Page Size
– 512 Bytes per Page
– 528 Bytes per Page
– Page Size Can Be Factory Pre-configured for 512 Bytes
• Page Program Operation
– Intelligent Programming Operation
– 4,096 Pages (512/528 Bytes/Page) Main Memory
• Flexible Erase Options
– Page Erase (512 Bytes)
– Block Erase (4 Kbytes)
– Sector Erase (128 Kbytes)
– Chip Erase (16 Mbits)
• Two SRAM Data Buffers (512/528 Bytes)
– Allows Receiving of Data while Reprogramming the Flash Array
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low-power Dissipation
– 7 mA Active Read Current Typical
– 25 µA Standby Current Typical
– 15 µA Deep Power Down Typical
• Hardware and Software Data Protection Features
– Individual Sector
• Sector Lockdown for Secure Code and Data Storage
– Individual Sector
• Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
• JEDEC Standard Manufacturer and Device ID Read
• 100,000 Program/Erase Cycles Per Page Minimum
• Data Retention – 20 Years
• Industrial Temperature Range
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1. Description
The AT45DB161D is a 2.5-volt or 2.7-volt, serial-interface sequential access Flash
memory ideally suited for a wide variety of digital voice-, image-, program code- and
data-storage applications. The AT45DB161D supports RapidS serial interface for
applications requiring very high speed operations. RapidS serial interface is SPI com-
patible for frequencies up to 66 MHz. Its 17,301,504 bits of memory are organized as
4,096 pages of 512 bytes or 528 bytes each. In addition to the main memory, the
AT45DB161D also contains two SRAM buffers of 512/528 bytes each. The buffers
allow the receiving of data while a page in the main Memory is being reprogrammed,
as well as writing a continuous data stream. EEPROM emulation (bit or byte alterabil-
ity) is easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple
16-megabit
2.5-volt or
2.7-volt
DataFlash®
AT45DB161D
3500M–DFLASH–04/09


Similar Part No. - AT45DB161D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
16-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB161D-CU ETC2-AT45DB161D-CU Datasheet
2Mb / 51P
16-megabit 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB161D-MU ATMEL-AT45DB161D-MU Datasheet
1Mb / 53P
16-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB161D-MU ETC2-AT45DB161D-MU Datasheet
2Mb / 51P
16-megabit 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB161D-MU-2.5 ATMEL-AT45DB161D-MU-2.5 Datasheet
1Mb / 53P
16-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB161D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B ATMEL-AT45DB041B Datasheet
512Kb / 35P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com