Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16AI Datasheet(PDF) 321 Page - ATMEL Corporation

Part # ATmega162-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16AI Datasheet(HTML) 321 Page - ATMEL Corporation

Back Button ATmega162-16AI Datasheet HTML 316Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 317Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 318Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 319Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 320Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 321Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 322Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 323Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 324Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 321 / 324 page
background image
iii
2513K–AVR–07/09
ATmega162/V
Timer/Counter0, Timer/Counter1, and Timer/Counter3 Prescalers 104
16-bit Timer/Counter (Timer/Counter1 and Timer/Counter3) 106
Restriction in ATmega161 Compatibility Mode 106
Overview 106
Accessing 16-bit Registers 109
Timer/Counter Clock Sources 112
Counter Unit 112
Input Capture Unit 113
Output Compare Units 114
Compare Match Output Unit 117
Modes of Operation 118
Timer/Counter Timing Diagrams 126
16-bit Timer/Counter Register Description 128
8-bit Timer/Counter2 with PWM and Asynchronous operation 138
Overview 138
Timer/Counter Clock Sources 139
Counter Unit 140
Output Compare Unit 140
Compare Match Output Unit 142
Modes of Operation 143
Timer/Counter Timing Diagrams 147
8-bit Timer/Counter Register Description 149
Asynchronous operation of the Timer/Counter 152
Timer/Counter Prescaler 156
Serial Peripheral Interface – SPI 157
SS Pin Functionality 162
Data Modes 165
USART 166
Dual USART 166
Clock Generation 168
Frame Formats 171
USART Initialization 172
Data Transmission – The USART Transmitter 173
Data Reception – The USART Receiver 175
Asynchronous Data Reception 179
Multi-processor Communication Mode 182
Accessing UBRRH/
UCSRC Registers 184
USART Register Description 186
Examples of Baud Rate Setting 191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com