Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16AI Datasheet(PDF) 323 Page - ATMEL Corporation

Part # ATmega162-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16AI Datasheet(HTML) 323 Page - ATMEL Corporation

Back Button ATmega162-16AI Datasheet HTML 316Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 317Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 318Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 319Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 320Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 321Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 322Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 323Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 324Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 323 / 324 page
background image
v
2513K–AVR–07/09
ATmega162/V
Electrical Characteristics 264
Absolute Maximum Ratings* 264
DC Characteristics 264
External Clock Drive Waveforms 267
External Clock Drive 267
SPI Timing Characteristics 268
External Data Memory Timing 270
ATmega162 Typical Characteristics 275
Register Summary 304
Instruction Set Summary 307
Ordering Information 310
Packaging Information 311
44A 311
40P6 312
44M1 313
Errata 314
ATmega162, all rev. 314
Datasheet Revision History 315
Changes from Rev. 2513I-04/07 to Rev. 2513J-08/07 315
Changes from Rev. 2513H-04/06 to Rev. 2513I-04/07 315
Changes from Rev. 2513G-03/05 to Rev. 2513H-04/06 315
Changes from Rev. 2513F-09/03 to Rev. 2513G-03/05 315
Changes from Rev. 2513D-04/03 to Rev. 2513E-09/03 315
Changes from Rev. 2513C-09/02 to Rev. 2513D-04/03 316
Changes from Rev. 2513B-09/02 to Rev. 2513C-09/02 317
Changes from Rev. 2513A-05/02 to Rev. 2513B-09/02 317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com