Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 104 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 100Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 101Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 102Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 103Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 104Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 105Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 106Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 107Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 324 page
background image
104
2513K–AVR–07/09
ATmega162/V
Timer/Counter0,
Timer/Counter1,
and
Timer/Counter3
Prescalers
Timer/Counter3, Timer/Counter1, and Timer/Counter0 share the same prescaler module, but
the Timer/Counters can have different prescaler settings. The description below applies to
Timer/Counter3, Timer/Counter1, and Timer/Counter0.
Internal Clock Source
The Timer/Counter can be clocked directly by the system clock (by setting the CSn2:0 = 1). This
provides the fastest operation, with a maximum Timer/Counter clock frequency equal to system
clock frequency (f
CLK_I/O). Alternatively, one of four taps from the prescaler can be used as a
clock source. The prescaled clock has a frequency of either f
CLK_I/O/8, fCLK_I/O/64, fCLK_I/O/256, or
f
CLK_I/O/1024. In addition, Timer/Counter3 has the option of choosing fCLK_I/O/16 and fCLK_I/O/32.
Prescaler Reset
The prescaler is free running, i.e., operates independently of the clock select logic of the
Timer/Counter, and it is shared by Timer/Counter3, Timer/Counter1, and Timer/Counter0. Since
the prescaler is not affected by the Timer/Counter’s clock select, the state of the prescaler will
have implications for situations where a prescaled clock is used. One example of prescaling arti-
facts occurs when the Timer is enabled and clocked by the prescaler (6 > CSn2:0 > 1). The
number of system clock cycles from when the Timer is enabled to the first count occurs can be
from 1 to N+1 system clock cycles, where N equals the prescaler divisor (8, 64, 256, or 1024,
additional selections for Timer/Counter3: 32 and 64).
It is possible to use the Prescaler Reset for synchronizing the Timer/Counter to program execu-
tion. However, care must be taken if the other Timer/Counter that shares the same prescaler
also uses prescaling. A Prescaler Reset will affect the prescaler period for all Timer/Counters it
is connected to.
External Clock Source
An external clock source applied to the Tn/T0 pin can be used as Timer/Counter clock
(clk
T1/clkT0) for Timer/Counter1 and Timer/Counter0. The Tn/T0 pin is sampled once every sys-
tem clock cycle by the pin synchronization logic. The synchronized (sampled) signal is then
passed through the edge detector. Figure 44 shows a functional equivalent block diagram of the
Tn/T0 synchronization and edge detector logic. The registers are clocked at the positive edge of
the internal system clock (clk
I/O). The latch is transparent in the high period of the internal system
clock.
The edge detector generates one clk
T1/clkT0 pulse for each positive (CSn2:0 = 7) or negative
(CSn2:0 = 6) edge it detects.
Figure 44. Tn/T0 Pin Sampling
The synchronization and edge detector logic introduces a delay of 2.5 to 3.5 system clock cycles
from an edge has been applied to the Tn/T0 pin to the counter is updated.
Enabling and disabling of the clock input must be done when Tn/T0 has been stable for at least
one system clock cycle, otherwise it is a risk that a false Timer/Counter clock pulse is generated.
Tn_sync
(To Clock
Select Logic)
Edge Detector
Synchronization
DQ
DQ
LE
DQ
Tn
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com