Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 107 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 103Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 104Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 105Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 106Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 107Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 108Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 109Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 110Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 324 page
background image
107
2513K–AVR–07/09
ATmega162/V
Figure 46. 16-bit Timer/Counter Block Diagram
(1)
Note:
1. Refer to Figure 1 on page 2, Table 32 on page 72, and Table 38 on page 78 for
Timer/Counter1 pin placement and description.
Registers
The Timer/Counter (TCNTn), Output Compare Registers (OCRnA/B), and Input Capture Regis-
ter (ICRn) are all 16-bit registers. Special procedures must be followed when accessing the 16-
bit registers. These procedures are described in the section “Accessing 16-bit Registers” on
page 109. The Timer/Counter Control Registers (TCCRnA/B) are 8-bit registers and have no
CPU access restrictions. Interrupt requests (abbreviated to Int.Req. in the figure) signals are all
visible in the Timer Interrupt Flag Register (TIFR) and Extended Timer Interrupt Flag Register
(ETIFR). All interrupts are individually masked with the Timer Interrupt Mask Register (TIMSK)
and Extended Timer Interrupt Mask Register (ETIMSK). (E)TIFR and (E)TIMSK are not shown in
the figure since these registers are shared by other Timer units.
The Timer/Counter can be clocked internally, via the prescaler, or by an external clock source on
the T1 pin. The Clock Select logic block controls which clock source and edge the Timer/Counter
uses to increment (or decrement) its value. The Timer/Counter is inactive when no clock source
is selected. The output from the Clock Select logic is referred to as the Timer Clock (clk
Tn).
The double buffered Output Compare Registers (OCRnA/B) are compared with the Timer/Coun-
ter value at all time. The result of the compare can be used by the waveform generator to
generate a PWM or variable frequency output on the Output Compare pin (OCnA/B). See “Out-
put Compare Units” on page 114. The Compare Match event will also set the Compare Match
Flag (OCFnA/B) which can be used to generate an output compare interrupt request.
Clock Select
Timer/Counter
OCRnA
OCRnB
ICRn
=
=
TCNTn
Waveform
Generation
Waveform
Generation
OCnA
OCnB
Noise
Canceler
ICPn
=
Fixed
TOP
Values
Edge
Detector
Control Logic
= 0
TOP
BOTTOM
Count
Clear
Direction
TOVn
(Int.Req.)
OCnA
(Int.Req.)
OCnB
(Int.Req.)
ICFn (Int.Req.)
TCCRnA
TCCRnB
( From Analog
Comparator Ouput )
Tn
Edge
Detector
( From Prescaler )
clk
Tn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com