Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 111 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 107Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 108Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 109Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 110Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 111Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 112Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 113Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 114Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 324 page
background image
111
2513K–AVR–07/09
ATmega162/V
The following code examples show how to do an atomic write of the TCNTn Register contents.
Writing any of the OCRnA/B or ICRn Registers can be done by using the same principle.
Note:
1. The example code assumes that the part specific header file is included.
For I/O Registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and “SBI”
instructions must be replaced with instructions that allow access to extended I/O. Typically
“LDS” and “STS” combined with “SBRS”, “SBRC”, “SBR”, and “CBR”.
The assembly code example requires that the r17:r16 register pair contains the value to be writ-
ten to TCNTn.
Reusing the
Temporary High Byte
Register
If writing to more than one 16-bit register where the high byte is the same for all registers written,
then the high byte only needs to be written once. However, note that the same rule of atomic
operation described previously also applies in this case.
Assembly Code Example(1)
TIM16_WriteTCNT
n:
; Save Global Inter?upt Flag
in
r18,SREG
; Disable interrupt?
cli
; Set TCNT
n to r17:r16
out
TCNT
nH,r17
out
TCNT
nL,r16
; Restore Global In?errupt Flag
out
SREG,r18
ret
C Code Example
(1)
void
TIM16_WriteTCNT
n( unsigned int i )
{
unsigned char
sreg;
unsigned int
i;
/* Save Global Inte?rupt Flag */
sreg = SREG;
/* Disable interrup?s */
_CLI();
/* Set TCNT
n to i */
TCNT
n = i;
/* Restore Global I?terrupt Flag */
SREG = sreg;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com