Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 182 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 182 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 178Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 179Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 180Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 181Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 182Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 183Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 184Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 185Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 186Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 324 page
background image
182
2513K–AVR–07/09
ATmega162/V
The recommendations of the maximum receiver baud rate error was made under the assump-
tion that the Receiver and Transmitter equally divides the maximum total error.
There are two possible sources for the receivers baud rate error. The receiver’s system clock
(XTAL) will always have some minor instability over the supply voltage range and the tempera-
ture range. When using a crystal to generate the system clock, this is rarely a problem, but for a
resonator the system clock may differ more than 2% depending of the resonators tolerance. The
second source for the error is more controllable. The baud rate generator can not always do an
exact division of the system frequency to get the baud rate wanted. In this case an UBRR value
that gives an acceptable low error can be used if possible.
Multi-processor
Communication
Mode
Setting the Multi-processor Communication mode (MPCM) bit in UCSRA enables a filtering
function of incoming frames received by the USART Receiver. Frames that do not contain
address information will be ignored and not put into the receive buffer. This effectively reduces
the number of incoming frames that has to be handled by the CPU, in a system with multiple
MCUs that communicate via the same serial bus. The Transmitter is unaffected by the MPCM
setting, but has to be used differently when it is a part of a system utilizing the Multi-processor
Communication mode.
If the receiver is set up to receive frames that contain 5 to 8 data bits, then the first stop bit indi-
cates if the frame contains data or address information. If the receiver is set up for frames with
nine data bits, then the ninth bit (RXB8) is used for identifying address and data frames. When
the frame type bit (the first stop or the ninth bit) is one, the frame contains an address. When the
frame type bit is zero the frame is a data frame.
The Multi-processor Communication mode enables several slave MCUs to receive data from a
Master MCU. This is done by first decoding an address frame to find out which MCU has been
Table 71. Recommended Maximum Receiver Baud Rate Error for Normal Speed Mode (U2X =
0)
D
# (Data+Parity Bit)
R
slow (%)
R
fast (%)
Max. Total Error (%)
Recommended Max.
Receiver Error (%)
5
93.20
106.67
+6.67/-6.8%
± 3.0
6
94.12
105.79
+5.79/-5.88
± 2.5
7
94.81
105.11
+5.11/-5.19
± 2.0
8
95.36
104.58
+4.58/-4.54
± 2.0
9
95.81
104.14
+4.14/-4.19
± 1.5
10
96.17
103.78
+3.7 /-3.83
± 1.5
Table 72. Recommended Maximum Receiver Baud Rate Error for Double Speed Mode (U2X =
1)
D
# (Data+Parity Bit)
Rslow (%)
Rfast (%)
Max. Total Error (%)
Recommended Max.
Receiver Error (%)
5
94.12
105.66
+5.66/-5.88
± 2.5
6
94.92
104.92
+4.92/-5.08
± 2.0
7
95.52
104.35
+4.35/-4.48
± 1.5
8
96.00
103.90
+3.90/-4.00
± 1.5
9
96.39
103.53
+3.53/-3.61
± 1.5
10
96.70
103.23
+3.23/-3.30
± 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com