Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 185 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 185 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 181Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 182Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 183Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 184Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 185Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 186Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 187Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 188Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 189Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 324 page
background image
185
2513K–AVR–07/09
ATmega162/V
Read Access
Doing a read access to the UBRRH or the UCSRC Register is a more complex operation. How-
ever, in most applications, it is rarely necessary to read any of these registers.
The read access is controlled by a timed sequence. Reading the I/O location once returns the
UBRRH Register contents. If the register location was read in previous system clock cycle, read-
ing the register in the current clock cycle will return the UCSRC contents. Note that the timed
sequence for reading the UCSRC is an atomic operation. Interrupts must therefore be controlled
(e.g., by disabling interrupts globally) during the read operation.
The following code example shows how to read the UCSRC Register contents.
Note:
1. The example code assumes that the part specific header file is included.
The assembly code example returns the UCSRC value in r16.
Reading the UBRRH contents is not an atomic operation and therefore it can be read as an ordi-
nary register, as long as the previous instruction did not access the register location.
Assembly Code Example(1)
USART_ReadUCSRC:
; Read UCSRC
in
r16,UBRRH
in
r16,UCSRC
ret
C Code Example
(1)
unsigned char
USART_ReadUCSRC( void )
{
unsigned char
ucsrc?
/* Read UCSRC ?/
ucsrc = UBRRH;
ucsrc = UCSRC;
return ucsrc;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com