Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 189 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 189 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 185Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 186Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 187Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 188Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 189Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 190Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 191Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 192Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 193Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 324 page
background image
189
2513K–AVR–07/09
ATmega162/V
USART Control and
Status Register C –
UCSRC
(1)
Note:
1. The UCSRC Register shares the same I/O location as the UBRRH Register. See the “Access-
ing UBRRH/ UCSRC Registers” on page 184 section which describes how to access this
register.
• Bit 7 – URSEL: Register Select
This bit selects between accessing the UCSRC or the UBRRH Register. It is read as one when
reading UCSRC. The URSEL must be one when writing the UCSRC.
• Bit 6 – UMSEL: USART Mode Select
This bit selects between asynchronous and synchronous mode of operation.
• Bit 5:4 – UPM1:0: Parity Mode
These bits enable and set type of parity generation and check. If enabled, the transmitter will
automatically generate and send the parity of the transmitted data bits within each frame. The
receiver will generate a parity value for the incoming data and compare it to the UPM0 setting. If
a mismatch is detected, the UPE Flag in UCSRA will be set.
• Bit 3 – USBS: Stop Bit Select
This bit selects the number of stop bits to be inserted by the transmitter. The receiver ignores
this setting.
Bit
765
4321
0
URSEL
UMSEL
UPM1
UPM0
USBS
UCSZ1
UCSZ0
UCPOL
UCSRC
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
100
0011
0
Table 73. UMSEL Bit Settings
UMSEL
Mode
0
Asynchronous Operation
1
Synchronous Operation
Table 74. UPM Bits Settings
UPM1
UPM0
Parity Mode
0
0
Disabled
01
Reserved
1
0
Enabled, Even Parity
1
1
Enabled, Odd Parity
Table 75. USBS Bit Settings
USBS
Stop Bit(s)
01-bit
12-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com