Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 193 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 193 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 189Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 190Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 191Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 192Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 193Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 194Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 195Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 196Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 197Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 324 page
background image
193
2513K–AVR–07/09
ATmega162/V
Table 80. Examples of UBRR Settings for Commonly Used Oscillator Frequencies (Continued)
Baud
Rate
(bps)
f
osc = 8.0000 MHz
f
osc = 11.0592 MHz
f
osc = 14.7456 MHz
U2X = 0
U2X = 1
U2X = 0
U2X = 1
U2X = 0
U2X = 1
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
2400
207
0.2%
416
-0.1%
287
0.0%
575
0.0%
383
0.0%
767
0.0%
4800
103
0.2%
207
0.2%
143
0.0%
287
0.0%
191
0.0%
383
0.0%
9600
51
0.2%
103
0.2%
71
0.0%
143
0.0%
95
0.0%
191
0.0%
14.4k
34
-0.8%
68
0.6%
47
0.0%
95
0.0%
63
0.0%
127
0.0%
19.2k
25
0.2%
51
0.2%
35
0.0%
71
0.0%
47
0.0%
95
0.0%
28.8k
16
2.1%
34
-0.8%
23
0.0%
47
0.0%
31
0.0%
63
0.0%
38.4k
12
0.2%
25
0.2%
17
0.0%
35
0.0%
23
0.0%
47
0.0%
57.6k
8
-3.5%
16
2.1%
11
0.0%
23
0.0%
15
0.0%
31
0.0%
76.8k
6
-7.0%
12
0.2%
8
0.0%
17
0.0%
11
0.0%
23
0.0%
115.2k
3
8.5%
8
-3.5%
5
0.0%
11
0.0%
7
0.0%
15
0.0%
230.4k
1
8.5%
3
8.5%
2
0.0%
5
0.0%
3
0.0%
7
0.0%
250k
1
0.0%
3
0.0%
2
-7.8%
5
-7.8%
3
-7.8%
6
5.3%
0.5M
0
0.0%
1
0.0%
–
–
2
-7.8%
1
-7.8%
3
-7.8%
1M
–
–
0
0.0%
–
–
–
–
0
-7.8%
1
-7.8%
Max. (1)
0.5 Mbps
1 Mbps
691.2 kbps
1.3824 Mbps
921.6 kbps
1.8432 Mbps
1.
UBRR = 0, Error = 0.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com